Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCP-5144 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SCP-5144
Description  3-Phase Bridge IGBT Module 600V, 100A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCP-5144 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SCP-5144 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCP-5144 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCP-5144 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 West Industry Court 3 Deer Park, NY 11729-4681 3 Phone (631) 586 7600 Fax (631) 242 9798 •
• World Wide Web - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
PART NUMBER: SCP-5144, ENG. -
MECHANICAL DIMENSIONS: In Inches / mm
SCHEMATIC
SCP-5144
G4
E4
G6
E6
G2
E2
G5
E5
G3
E3
G1
E1
( ~ ) 3
( ~ ) 2
( ~ ) 1
( + )
( - )


Similar Part No. - SCP-5144

ManufacturerPart #DatasheetDescription
logo
Sensitron
SCP-5115 SENSITRON-SCP-5115 Datasheet
80Kb / 3P
   Hermetic Half Bridge IGBT Module 600V, 800A
More results

Similar Description - SCP-5144

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PBMB100E6 NIEC-PBMB100E6 Datasheet
265Kb / 4P
   IGBT Module-H Bridge 100A, 600V
PBMB100A6 NIEC-PBMB100A6 Datasheet
112Kb / 3P
   IGBT MODULE H-Bridge 100A 600V
logo
Littelfuse
MG06100S-BR1MM LITTELFUSE-MG06100S-BR1MM Datasheet
1Mb / 6P
   600V 100A IGBT Module
logo
MacMic
MMG100S060B6EN MACMIC-MMG100S060B6EN Datasheet
426Kb / 5P
   600V 100A IGBT Module
MMG100S060B6TC MACMIC-MMG100S060B6TC Datasheet
355Kb / 6P
   600V 100A IGBT Module
logo
Littelfuse
MG06100S-BN4MM LITTELFUSE-MG06100S-BN4MM Datasheet
1Mb / 5P
   600V 100A IGBT Module
logo
MacMic
MMG100HB060B6EN MACMIC-MMG100HB060B6EN Datasheet
313Kb / 6P
   600V 100A IGBT Module
logo
Nihon Inter Electronics...
PRHMB100A6A NIEC-PRHMB100A6A Datasheet
112Kb / 3P
   IGBT MODULE Chopper 100A 600V
PRHMB100A6 NIEC-PRHMB100A6 Datasheet
112Kb / 3P
   IGBT MODULE Chopper 100A 600V
PDMB100A6 NIEC-PDMB100A6 Datasheet
110Kb / 3P
   IGBT MODULE Dual 100A 600V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com