Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP3055 Datasheet(PDF) 3 Page - Harris Corporation

Part # RFP3055
Description  12A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs (MegaFETs)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RFP3055 Datasheet(HTML) 3 Page - Harris Corporation

  RFP3055 Datasheet HTML 1Page - Harris Corporation RFP3055 Datasheet HTML 2Page - Harris Corporation RFP3055 Datasheet HTML 3Page - Harris Corporation RFP3055 Datasheet HTML 4Page - Harris Corporation RFP3055 Datasheet HTML 5Page - Harris Corporation RFP3055 Datasheet HTML 6Page - Harris Corporation RFP3055 Datasheet HTML 7Page - Harris Corporation RFP3055 Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
RFD3055, RFD3055SM, RFP3055
Typical Performance Curves
FIGURE 1. SAFE- OPERATING AREA CURVE
FIGURE 2. NORMALIZED MAXIMUM TRANSIENT THERMAL
IMPEDANCE
FIGURE 3. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 4. PEAK CURRENT CAPABILITY
FIGURE 5. TYPICAL SATURATION CHARACTERISTICS
FIGURE 6. TYPICAL TRANSFER CHARACTERISTICS
50
10
1
0.1
1
10
100
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
TC = +25
oC
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
1ms
100
µs
10ms
DC
VDSS MAX = 60V
10
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
t, RECTANGULAR PULSE DURATION (s)
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC + TC
0.01
0.02
0.05
0.1
0.2
0.5
PDM
t1
t2
SINGLE PULSE
10
8
6
4
2
0
25
50
75
100
125
150
175
TC, CASE TEMPERATURE (
oC)
12
14
10-3
10-2
10-1
100
101
102
103
104
10
100
t, PULSE WIDTH (ms)
VGS = 20V
VGS = 10V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
FOR TEMPERATURES ABOVE +25oC
DERATE PEAK CURRENT
CAPABILITY AS FOLLOWS:
'I
I
25
*
175
T
C
150
--------------------
=
TC = +25
oC
200
24
18
12
6
0
0.0
1.5
3.0
4.5
6.0
7.5
VDS, DRAIN-TO-SOURCE VOLTAGE (V)
VGS = 10V
VGS = 8V
VGS = 7V
VGS = 6V
VGS = 5V
VGS = 4.5V
PULSE DURATION = 250
µsT
C = +25
oC
+25oC
+175oC
0.0
2.0
4.0
6.0
8.0
10.0
VGS, GATE-TO-SOURCE VOLTAGE (V)
24
18
12
6
0
PULSE TEST
PULSE DURATION = 250
µs
DUTY CYCLE = 0.5% MAX
-55oC
VDD = 15V


Similar Part No. - RFP3055

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP3055 INTERSIL-RFP3055 Datasheet
82Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP3055 FAIRCHILD-RFP3055 Datasheet
418Kb / 8P
   12A, 60V, 0.150 Ohm, N-Channel Power MOSFETs
RFP3055LE FAIRCHILD-RFP3055LE Datasheet
416Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP3055LE INTERSIL-RFP3055LE Datasheet
86Kb / 8P
   11A, 60V, 0.107 Ohm, Logic Level, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFP3055LE VBSEMI-RFP3055LE Datasheet
1Mb / 8P
   N-Channel 60 V(D-S) MOSFET
More results

Similar Description - RFP3055

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG70N06 FAIRCHILD-RFG70N06 Datasheet
90Kb / 6P
   70A, 60V, Avalanche Rated, N-Channel Enhancement-Mode Power MOSFETs
RFG45N06 FAIRCHILD-RFG45N06 Datasheet
82Kb / 6P
   45A, 60V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
Harris Corporation
RFP30N06LE HARRIS-RFP30N06LE Datasheet
91Kb / 6P
   30A, 60V, ESD Rated, Avalanche Rated, Logic Level N-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXTP450P2 IXYS-IXTP450P2 Datasheet
144Kb / 5P
   Polar2TM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
IXTH110N25T IXYS-IXTH110N25T Datasheet
210Kb / 5P
   TrenchTM Power MOSFETs N-Channel Enhancement Mode Avalanche Rated
logo
Fairchild Semiconductor
RFP70N03 FAIRCHILD-RFP70N03 Datasheet
588Kb / 6P
   70A, 30V, Avalanche Rated N-Channel Enhancement-Mode Power MOSFETs
logo
IXYS Corporation
IXFA60N25X3 IXYS-IXFA60N25X3 Datasheet
272Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Avalanche Rated
IXTA140P05T IXYS-IXTA140P05T Datasheet
222Kb / 6P
   TrenchP Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTA10P50P IXYS-IXTA10P50P Datasheet
185Kb / 6P
   PolarPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
IXTY32P05T IXYS-IXTY32P05T Datasheet
187Kb / 6P
   TrenchPTM Power MOSFETs P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com