Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M32L1632512A-8Q Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M32L1632512A-8Q
Description  256K x 32 Bit x 2 Banks Synchronous Graphic RAM
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M32L1632512A-8Q Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M32L1632512A-8Q Datasheet HTML 1Page - List of Unclassifed Manufacturers M32L1632512A-8Q Datasheet HTML 2Page - List of Unclassifed Manufacturers M32L1632512A-8Q Datasheet HTML 3Page - List of Unclassifed Manufacturers M32L1632512A-8Q Datasheet HTML 4Page - List of Unclassifed Manufacturers M32L1632512A-8Q Datasheet HTML 5Page - List of Unclassifed Manufacturers M32L1632512A-8Q Datasheet HTML 6Page - List of Unclassifed Manufacturers M32L1632512A-8Q Datasheet HTML 7Page - List of Unclassifed Manufacturers M32L1632512A-8Q Datasheet HTML 8Page - List of Unclassifed Manufacturers M32L1632512A-8Q Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
$%
M32L1632512A
Elite Semiconductor Memory Technology Inc.
Publication Date : Jun. 2001
Revision : 1.6
4/54
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input high voltage
VIH
2.0
3.0
VDD+0.3
V
Input low voltage
VIL
-0.3
0
0.8
V
Note 1
Output high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
IIL
-5
-
5
µ
Â
Note 2
Output leakage current
IOL
-5
-
5
µ
Â
Note 3
Output Loading Condition
See Fig 1
Note: 1. VIL(min) = -1.5V AC (pulse width
≤ 5ns)
2. Any input 0V
≤ VIN ≤ VDD + 0.3V, all other pins are not under test = 0V.
4. Dout is disabled, 0V
≤ VOUT ≤ VDD.
CAPACITANCE (VDD/VDDQ = 3.3V, TA = 25 C
° , f = 1MHZ)
Parameter
Symbol
Min
Max
Unit
Input capacitance (A0 ~ A10)
CIN1
-4
pF
Input capacitance
(CLK, CKE, CS , RAS , CAS , WE , DSF& DQM0-3)
CIN2
-4
pF
Data input/output capacitance (DQ0 ~ DQ31)
COUT
-5
pF
DECOUPLING CAPACITANCE GUIDE LINE
Recommended decoupling capacitance added to power line at board.
Parameter
Symbol
Value
Unit
Decoupling Capacitance between VDD & VSS
CDC1
0.1+0.01
uF
Decoupling Capacitance between VDDQ & VSSQ
CDC2
0.1+0.01
uF
*Note: 1. VDD and VDDQ pins are separated each other.
All VDD pins are connected in chip. All VDDQ pins are connected in chip.
2. VSS and VSSQ pins are separated each other.
All VSS pins are connected in chip. All VSSQ pins are connected in chip.


Similar Part No. - M32L1632512A-8Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
M32L32321SA-5.5F ETC1-M32L32321SA-5.5F Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
M32L32321SA-5.5Q ETC1-M32L32321SA-5.5Q Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
M32L32321SA-5F ETC1-M32L32321SA-5F Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
M32L32321SA-5Q ETC1-M32L32321SA-5Q Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
More results

Similar Description - M32L1632512A-8Q

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A45L9332A AMICC-A45L9332A Datasheet
1Mb / 55P
   256K X 32 Bit X 2 Banks Synchronous Graphic RAM
logo
List of Unclassifed Man...
M32L32321SA ETC1-M32L32321SA Datasheet
989Kb / 54P
   512K x 32 Bit x 2 Banks Synchronous Graphic RAM
logo
Samsung semiconductor
K4G323222M SAMSUNG-K4G323222M Datasheet
1Mb / 48P
   512K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271A SAMSUNG-KM4132G271A Datasheet
1,000Kb / 48P
   128K x 32Bit x 2 Banks Synchronous Graphic RAM
KM4132G271B SAMSUNG-KM4132G271B Datasheet
1Mb / 51P
   128K x 32bit x 2 Banks Synchronous Graphic RAM LVTTL
logo
Integrated Silicon Solu...
IS42G32256 ISSI-IS42G32256 Datasheet
456Kb / 52P
   256K x 32 x 2 (16-Mbit) SYNCHRONOUS GRAPHICS RAM
logo
AMIC Technology
A43L0632 AMICC-A43L0632 Datasheet
1Mb / 44P
   512K X 32 Bit X 2 Banks Synchronous DRAM
A43E06321 AMICC-A43E06321 Datasheet
1Mb / 46P
   512K X 32 Bit X 2 Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S64322A ESMT-M12S64322A Datasheet
725Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
M12L64322A ESMT-M12L64322A_1 Datasheet
776Kb / 46P
   512K x 32 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com