Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP139-20WA Datasheet(PDF) 2 Page - Anachip Corp

Part # AP139-20WA
Description  300mA Low-Noise CMOS LDO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP139-20WA Datasheet(HTML) 2 Page - Anachip Corp

  AP139-20WA Datasheet HTML 1Page - Anachip Corp AP139-20WA Datasheet HTML 2Page - Anachip Corp AP139-20WA Datasheet HTML 3Page - Anachip Corp AP139-20WA Datasheet HTML 4Page - Anachip Corp AP139-20WA Datasheet HTML 5Page - Anachip Corp AP139-20WA Datasheet HTML 6Page - Anachip Corp AP139-20WA Datasheet HTML 7Page - Anachip Corp AP139-20WA Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP139
300mA Low-Noise CMOS LDO
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Jun 02, 2006
2/8
Block Diagram
Current
Limit
Thermal
Shutdown
AMP
+
-
Vref
BYP
EN
1uA
V
OUT
GND
V
IN
R1
R2
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
+7
V
IOUT
Output Current
PD/ (VIN-VO)
mA
VOUT
Output Voltage
GND - 0.3 to VIN+ 0.3
V
ESD Classification
B
TA
Ambient Temperature Range
-40 to +85
ºC
TJ
Junction Temperature Range
-40 to +125
ºC
Thermal Information
Symbol
Parameter
Maximum
Unit
θjc
Thermal Resistance
SOT23-5L
160
ºC/W
PD
Internal Power Dissipation (
∆T=100 ºC) SOT23-5L
250
mW
TJ
Maximum Junction Temperature
150
ºC
TLead
Maximum Lead Temperature (10 sec)
300
ºC


Similar Part No. - AP139-20WA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP139-20WG-7 DIODES-AP139-20WG-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
AP139-20WL-7 DIODES-AP139-20WL-7 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
More results

Similar Description - AP139-20WA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
TS9007 TSC-TS9007_08 Datasheet
104Kb / 7P
   300mA Low Noise CMOS LDO
logo
Anachip Corp
AP138 ANACHIP-AP138 Datasheet
334Kb / 7P
   300mA Low-Noise CMOS LDO
logo
Diodes Incorporated
AP139 DIODES-AP139_09 Datasheet
199Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
   300mA Low Noise CMOS LDO Regulator
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
Taiwan Semiconductor Co...
TS9008SCX5 TSC-TS9008SCX5 Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
TS9008SCX TSC-TS9008SCX Datasheet
290Kb / 9P
   300mA High PSRR Low Noise CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com