Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29JL064H70BAI000 Datasheet(PDF) 1 Page - SPANSION

Part # S29JL064H70BAI000
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29JL064H70BAI000 Datasheet(HTML) 1 Page - SPANSION

  S29JL064H70BAI000 Datasheet HTML 1Page - SPANSION S29JL064H70BAI000 Datasheet HTML 2Page - SPANSION S29JL064H70BAI000 Datasheet HTML 3Page - SPANSION S29JL064H70BAI000 Datasheet HTML 4Page - SPANSION S29JL064H70BAI000 Datasheet HTML 5Page - SPANSION S29JL064H70BAI000 Datasheet HTML 6Page - SPANSION S29JL064H70BAI000 Datasheet HTML 7Page - SPANSION S29JL064H70BAI000 Datasheet HTML 8Page - SPANSION S29JL064H70BAI000 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
This document contains information on a product under development at FASL LLC. The information is intended to help you evaluate this product. FASL LLC reserves the
right to change or discontinue work on this proposed product without notice.
Publication Number S29JL064H
Revision A Amendment 1 Issue Date March 26, 2004
PRELIMINARY
S29JL064H
64 Megabit (8 M x 8-Bit/4 M x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Read/Write
Flash Memory
Distinctive Characteristics
Architectural Advantages
Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in another bank.
— Zero latency between read and write operations
Flexible Bank architecture
— Read may occur in any of the three banks not being
written or erased.
— Four banks may be grouped by customer to achieve
desired bank divisions.
Boot Sectors
— Top and bottom boot sectors in the same device
— Any combination of sectors can be erased
Manufactured on 0.13 µm process technology
SecSi™ (Secured Silicon) Sector: Extra 256 Byte
sector
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number;
verifiable as factory locked through autoselect
function.
— Customer lockable: One-time programmable only.
Once locked, data cannot be changed
Zero Power Operation
— Sophisticated power management circuits reduce
power consumed during inactive periods to nearly
zero.
Compatible with JEDEC standards
— Pinout and software compatible with single-power-
supply flash standard
Package options
63-ball Fine Pitch BGA
48-pin TSOP
Performance Characteristics
High performance
— Access time as fast as 55 ns
— Program time: 4 µs/word typical using accelerated
programming function
Ultra low power consumption (typical values)
— 2 mA active read current at 1 MHz
— 10 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
Cycling Endurance: 1 million cycles per sector
typical
Data Retention: 20 years typical
Software Features
Supports Common Flash Memory Interface (CFI)
Erase Suspend/Erase Resume
— Suspends erase operations to read data from, or
program data to, a sector that is not being erased,
then resumes the erase operation.
Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
Hardware Features
Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase
cycle completion
Hardware reset pin (RESET#)
— Hardware method of resetting the internal state
machine to the read mode
WP#/ACC input pin
— Write protect (WP#) function protects sectors 0, 1,
140, and 141, regardless of sector protect status
— Acceleration (ACC) function accelerates program
timing
Sector protection
— Hardware method to prevent any program or erase
operation within a sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system


Similar Part No. - S29JL064H70BAI000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   64 Megabit (8M x 8-Bit/4M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
Cypress Semiconductor
S29JL064J CYPRESS-S29JL064J Datasheet
725Kb / 60P
   64-Mbit (8M 횞 8-Bit/4M 횞 16-Bit), 3 V,Simultaneous Read/Write Flash
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results

Similar Description - S29JL064H70BAI000

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL640G AMD-AM29DL640G Datasheet
1Mb / 52P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640H SPANSION-AM29DL640H_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL640H AMD-AM29DL640H Datasheet
880Kb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29DL640D AMD-AM29DL640D_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640G SPANSION-AM29DL640G_05 Datasheet
1Mb / 56P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
S29JL032H SPANSION-S29JL032H_09 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com