Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC3752A-12S1F Datasheet(PDF) 2 Page - Picker Components

Part # PC3752A-12S1F
Description  Low Profile Minature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC3752A-12S1F Datasheet(HTML) 2 Page - Picker Components

  PC3752A-12S1F Datasheet HTML 1Page - Picker Components PC3752A-12S1F Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC375
PC375
COIL DATA
Coil Voltage
5
6
12
24
48
60
110
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
62
90
360
1440
5760
7500
25200
3.50
4.20
8.40
16.8
33.6
42.0
77.0
0.5
0.6
1.2
2.4
4.8
6.0
11.0
5.5
6.6
13.2
26.4
52.8
66.0
121.0
_
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Note: Custom coil voltages within the ranges shown are available on special order.
.590
(15)
.197
(5)
.197
(5)
.296
(7.5)
5 mm SPDT 12 AMP
.788
(20)
.137
(3.5)
(3.5)
.296
(7.5)
3.5 mm SPDT 12 Amp
.137
.590
(15)
.197
(5)
.197
(5)
.296
(7.5)
5 mm SPDT 16 Amp
5 mm DPDT 8 Amp
5 mm SPDT 16 Amp
5 mm SPDT 12 Amp
5 mm DPDT 8 Amp
3.5 mm SPDT 12 Amp
(29.0)
1.142
(15.7)
.618
(12.7)
.50
(29.0)
1.142
(15.7)
.618
(12.7)
.50
(3.6)
.142 Typ.
5 mm Version
3.5 mm Version
(1.3)
.051 Dia. Typ.
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Forms A & B Unused Pins are Omitted
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagrams


Similar Part No. - PC3752A-12S1F

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC375-1A-12S1H-X PICKER-PC375-1A-12S1H-X Datasheet
211Kb / 2P
   Low Profile Minature PCB Power Relay
PC375-1A-12S1NIL-X PICKER-PC375-1A-12S1NIL-X Datasheet
211Kb / 2P
   Low Profile Minature PCB Power Relay
PC375-1A-12S2H-X PICKER-PC375-1A-12S2H-X Datasheet
211Kb / 2P
   Low Profile Minature PCB Power Relay
PC375-1A-12S2NIL-X PICKER-PC375-1A-12S2NIL-X Datasheet
211Kb / 2P
   Low Profile Minature PCB Power Relay
PC375-1A-12S3H-X PICKER-PC375-1A-12S3H-X Datasheet
211Kb / 2P
   Low Profile Minature PCB Power Relay
More results

Similar Description - PC3752A-12S1F

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC378 PICKER-PC378_14 Datasheet
171Kb / 2P
   Low Profile Minature PCB Power Relay
PC375 PICKER-PC375_15 Datasheet
211Kb / 2P
   Low Profile Minature PCB Power Relay
PC375 PICKER-PC375_14 Datasheet
159Kb / 2P
   Low Profile Minature PCB Power Relay
PC378 PICKER-PC378 Datasheet
170Kb / 2P
   Low Profile Minature PCB Power Relay
logo
Tyco Electronics
REL MACOM-REL Datasheet
148Kb / 2P
   Minature PCB Relay
logo
Picker Components
PC466 PICKER-PC466 Datasheet
194Kb / 2P
   Ultra Slim Minature PCB Power Relay
PC384 PICKER-PC384 Datasheet
174Kb / 2P
   10 Amp Minature PCB Power Relay
PC379 PICKER-PC379 Datasheet
178Kb / 2P
   20 Amp Minature PCB Power Relay
PC454 PICKER-PC454 Datasheet
186Kb / 2P
   25 Amp Minature PCB Power Relay
PC354 PICKER-PC354 Datasheet
169Kb / 2P
   25 Amp Minature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com