Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29JL064H60TAN000 Datasheet(PDF) 8 Page - SPANSION

Part # S29JL064H60TAN000
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29JL064H60TAN000 Datasheet(HTML) 8 Page - SPANSION

Back Button S29JL064H60TAN000 Datasheet HTML 4Page - SPANSION S29JL064H60TAN000 Datasheet HTML 5Page - SPANSION S29JL064H60TAN000 Datasheet HTML 6Page - SPANSION S29JL064H60TAN000 Datasheet HTML 7Page - SPANSION S29JL064H60TAN000 Datasheet HTML 8Page - SPANSION S29JL064H60TAN000 Datasheet HTML 9Page - SPANSION S29JL064H60TAN000 Datasheet HTML 10Page - SPANSION S29JL064H60TAN000 Datasheet HTML 11Page - SPANSION S29JL064H60TAN000 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
8S29JL064H
S29JL064HA1 March 26, 2004
Pr el i m i n ary
Ordering Information
The order number (Valid Combination) is formed by the following:
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local sales office to con-
firm availability of specific valid combinations and to check on newly released combinations.
Note:Listed TSOP part numbers describe products based on Copper (Cu) leadframes. Contact your local sales office for
products based on Alloy-42 leadframes.
S29JL064H
55
TA
I
00
0
PACKING TYPE
0= Tray
2
= 7- inch Tape and Reel
3
= 13-inch Tape and Reel
MODEL NUMBER (ADDITIONAL ORDERING OPTIONS)
00
= Standard Configuration
TEMPERATURE RANGE
I
= Industrial (–40°C to +85°C)
N
= Extended (–40°C to +125°C)
PACKAGE TYPE
TA
= 48-Pin Thin Small Outline Package (TSOP, TS048)
Not Lead (Pb)-free, Copper Leadframe
TF
= 48-Pin Thin Small Outline Package (TSOP, TS048)
Lead (Pb)-Free, Copper Leadframe, Tin plating
BA
= 63-ball Ball Grid Array (BGA, FBE063)
0.8 mm pitch, 12 x 11 mm Package
Not Lead (Pb)-Free
BF
= 63-ball Ball Grid Array (BGA, FBE063)
0.8 mm pitch, 12 x 11 mm Package
Lead (Pb)-Free
SPEED OPTION
55
= 55 ns
60
= 60 ns
70
= 70 ns
90
= 90 ns
DEVICE FAMILY
S29JL064H
3.0 Volt-only, 64 Megabit (4 M x 16-Bit/8 M x 8-Bit) Simultaneous Read/Write Flash Memory
Manufactured on 130 nm process technology
Valid Combinations for TSOP Packages
Order Number
Package Markings
Package
Speed
Temperature Range
S29JL064H55TAI00
S29JL064H55TAI00
Not Lead (Pb)- Free
55
-40–85 °C
S29JL064H55TFI00
S29JL064H55TFI00
Lead (Pb)- Free
S29JL064H60TAI00
S29JL064H60TAI00
Not Lead (Pb)- Free
60
S29JL064H60TFI00
S29JL064H60TFI00
Lead (Pb)- Free
S29JL064H70TAI00
S29JL064H70TAI00
Not Lead (Pb)- Free
70
S29JL064H70TFI00
S29JL064H70TFI00
Lead (Pb)- Free
S29JL064H90TAI00
S29JL064H90TAI00
Not Lead (Pb)- Free
90
S29JL064H90TFI00
S29JL064H90TFI00
Lead (Pb)- Free
S29JL064H70TAN00
S29JL064H70TAN00
Not Lead (Pb)- Free
70
-40–125 °C
S29JL064H70TFN00
S29JL064H70TFN00
Lead (Pb)- Free
S29JL064H90TAN00
S29JL064H90TAN00
Not Lead (Pb)- Free
90
S29JL064H90TFN00
S29JL064H90TFN00
Lead (Pb)- Free


Similar Part No. - S29JL064H60TAN000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   64 Megabit (8M x 8-Bit/4M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
Cypress Semiconductor
S29JL064J CYPRESS-S29JL064J Datasheet
725Kb / 60P
   64-Mbit (8M 횞 8-Bit/4M 횞 16-Bit), 3 V,Simultaneous Read/Write Flash
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results

Similar Description - S29JL064H60TAN000

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL640G AMD-AM29DL640G Datasheet
1Mb / 52P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640H SPANSION-AM29DL640H_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL640H AMD-AM29DL640H Datasheet
880Kb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29DL640D AMD-AM29DL640D_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640G SPANSION-AM29DL640G_05 Datasheet
1Mb / 56P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
S29JL032H SPANSION-S29JL032H_09 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com