Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC816BS Datasheet(PDF) 4 Page - Analog Devices

Part # ADUC816BS
Description  MicroConverter-R, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC816BS Datasheet(HTML) 4 Page - Analog Devices

  ADUC816BS Datasheet HTML 1Page - Analog Devices ADUC816BS Datasheet HTML 2Page - Analog Devices ADUC816BS Datasheet HTML 3Page - Analog Devices ADUC816BS Datasheet HTML 4Page - Analog Devices ADUC816BS Datasheet HTML 5Page - Analog Devices ADUC816BS Datasheet HTML 6Page - Analog Devices ADUC816BS Datasheet HTML 7Page - Analog Devices ADUC816BS Datasheet HTML 8Page - Analog Devices ADUC816BS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
REV. 0
–4–
ADuC816–SPECIFICATIONS1
Parameter
ADuC816BS
Unit
Test Conditions/Comments
INTERNAL REFERENCE
ADC Reference
Reference Voltage
1.25
± 1%
V min/max
Initial Tolerance @ 25
°C, VDD = 5 V
Power Supply Rejection
45
dBs typ
Reference Tempco
100
ppm/
°C typ
DAC Reference
Reference Voltage
2.5
± 1%
V min/max
Initial Tolerance @ 25
°C, VDD = 5 V
Power Supply Rejection
50
dBs typ
Reference Tempco
±100
ppm/
°C typ
ANALOG INPUTS/REFERENCE INPUTS
Primary ADC
Differential Input Voltage Ranges
8, 9
External Reference Voltage = 2.5 V
RN2, RN1, RN0 of ADC0CON Set to
Bipolar Mode (ADC0CON.3 = 0)
±20
mV
0 0 0 (Unipolar Mode 0 mV to 20 mV)
±40
mV
0 0 1 (Unipolar Mode 0 mV to 40 mV)
±80
mV
0 1 0 (Unipolar Mode 0 mV to 80 mV)
±160
mV
0 1 1 (Unipolar Mode 0 mV to 160 mV)
±320
mV
1 0 0 (Unipolar Mode 0 mV to 320 mV)
±640
mV
1 0 1 (Unipolar Mode 0 mV to 640 mV)
±1.28
V
1 1 0 (Unipolar Mode 0 V to 1.28 V)
±2.56
V
1 1 1 (Unipolar Mode 0 V to 2.56 V)
Analog Input Current
2
±1
nA max
Analog Input Current Drift
±5pA/°C typ
Absolute AIN Voltage Limits
AGND + 100 mV
V min
AVDD – 100 mV
V max
Auxiliary ADC
Input Voltage Range
8, 9
0 to VREF
V
Unipolar Mode, for Bipolar Mode
See Note 11
Average Analog Input Current
125
nA/V typ
Input Current Will Vary with Input
Average Analog Input Current Drift
2
±2
pA/V/
°C typ
Voltage on the Unbuffered Auxiliary ADC
Absolute AIN Voltage Limits
10
AGND – 30 mV
V min
AVDD + 30 mV
V max
External Reference Inputs
REFIN(+) to REFIN(–) Range
2
1V min
AVDD
V max
Average Reference Input Current
1
µA/V typ
Both ADCs Enabled
Average Reference Input Current Drift
±0.1
nA/V/
°C typ
“NO Ext. REF” Trigger Voltage
0.3
V min
NOXREF Bit Active if VREF < 0.3 V
0.65
V max
NOXREF Bit Inactive if VREF > 0.65 V
ADC SYSTEM CALIBRATION
Full-Scale Calibration Limit
+1.05
× FS
V max
Zero-Scale Calibration Limit
–1.05
× FS
V min
Input Span
0.8
× FS
V min
2.1
× FS
V max
ANALOG (DAC) OUTPUTS
Voltage Range
0 to VREF
V typ
DACRN = 0 in DACCON SFR
0 to AVDD
V typ
DACRN = 1 in DACCON SFR
Resistive Load
10
k
Ω typ
From DAC Output to AGND
Capacitive Load
100
pF typ
From DAC Output to AGND
Output Impedance
0.5
Ω typ
ISINK
50
µA typ
TEMPERATURE SENSOR
Accuracy
±2
°C typ
Thermal Impedance (
θJA)90
°C/W typ


Similar Part No. - ADUC816BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC816 AD-ADUC816 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
More results

Similar Description - ADUC816BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC816 AD-ADUC816_15 Datasheet
667Kb / 68P
   MicroConverter, Dual-Channel 16-Bit ADCs with Embedded Flash MCU
REV. A
ADUC824 AD-ADUC824 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV. B
ADUC824 AD-ADUC824_15 Datasheet
1Mb / 68P
   MicroConverter, Dual-Channel 16-/24-Bit ADCs with Embedded FLASH MCU
REV.B
ADUC846 AD-ADUC846 Datasheet
1Mb / 20P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrA
ADUC836 AD-ADUC836_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC836 AD-ADUC836 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit-ADCs with Embedded 62 kB Flash MCU
REV. A
ADUC844 AD-ADUC844 Datasheet
674Kb / 20P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62kB FLASH MCU
REV. PrB
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com