Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29JL064H70TFN002 Datasheet(PDF) 3 Page - SPANSION

Part # S29JL064H70TFN002
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29JL064H70TFN002 Datasheet(HTML) 3 Page - SPANSION

  S29JL064H70TFN002 Datasheet HTML 1Page - SPANSION S29JL064H70TFN002 Datasheet HTML 2Page - SPANSION S29JL064H70TFN002 Datasheet HTML 3Page - SPANSION S29JL064H70TFN002 Datasheet HTML 4Page - SPANSION S29JL064H70TFN002 Datasheet HTML 5Page - SPANSION S29JL064H70TFN002 Datasheet HTML 6Page - SPANSION S29JL064H70TFN002 Datasheet HTML 7Page - SPANSION S29JL064H70TFN002 Datasheet HTML 8Page - SPANSION S29JL064H70TFN002 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
March 26, 2004 S29JL064HA1
S29JL064H
3
Pre l i m i n a r y
DMS (Data Management Software) allows systems to easily take advantage
of the advanced architecture of the simultaneous read/write product line by al-
lowing removal of EEPROM devices. DMS will also allow the system software to
be simplified, as it will perform all functions necessary to modify data in file struc-
tures, as opposed to single-byte modifications. To write or update a particular
piece of data (a phone number or configuration data, for example), the user only
needs to state which piece of data is to be updated, and where the updated data
is located in the system. This is an advantage compared to systems where user-
written software must keep track of the old data location, status, logical to phys-
ical translation of the data onto the Flash memory device (or memory devices),
and more. Using DMS, user-written software does not need to interface with the
Flash memory directly. Instead, the user's software accesses the Flash memory
by calling one of only six functions.
The device offers complete compatibility with the JEDEC 42.4 sin-
gle-power-supply Flash command set standard. Commands are written to
the command register using standard microprocessor write timings. Reading data
out of the device is similar to reading from other Flash or EPROM devices.
The host system can detect whether a program or erase operation is complete by
using the device status bits: RY/BY# pin, DQ7 (Data# Polling) and DQ6/DQ2
(toggle bits). After a program or erase cycle has been completed, the device au-
tomatically returns to the read mode.
The sector erase architecture allows memory sectors to be erased and repro-
grammed without affecting the data contents of other sectors. The device is fully
erased when shipped from the factory.
Hardware data protection measures include a low VCC detector that automat-
ically inhibits write operations during power transitions. The hardware sector
protection feature disables both program and erase operations in any combina-
tion of the sectors of memory. This can be achieved in-system or via
programming equipment.
The device offers two power-saving features. When addresses have been stable
for a specified amount of time, the device enters the automatic sleep mode.
The system can also place the device into the standby mode. Power consump-
tion is greatly reduced in both modes.


Similar Part No. - S29JL064H70TFN002

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   64 Megabit (8M x 8-Bit/4M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
Cypress Semiconductor
S29JL064J CYPRESS-S29JL064J Datasheet
725Kb / 60P
   64-Mbit (8M 횞 8-Bit/4M 횞 16-Bit), 3 V,Simultaneous Read/Write Flash
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results

Similar Description - S29JL064H70TFN002

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL640G AMD-AM29DL640G Datasheet
1Mb / 52P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640H SPANSION-AM29DL640H_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL640H AMD-AM29DL640H Datasheet
880Kb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM29DL640D AMD-AM29DL640D_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640G SPANSION-AM29DL640G_05 Datasheet
1Mb / 56P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
S29JL032H SPANSION-S29JL032H_09 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com