Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XN04314 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # XN04314
Description  Silicon NPN(PNP) epitaxial planer transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

XN04314 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  XN04314 Datasheet HTML 1Page - Panasonic Semiconductor XN04314 Datasheet HTML 2Page - Panasonic Semiconductor XN04314 Datasheet HTML 3Page - Panasonic Semiconductor XN04314 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Composite Transistors
XN4314
Silicon NPN epitaxial planer transistor (Tr1)
Silicon PNP epitaxial planer transistor (Tr2)
For switching/digital circuits
s Features
q
Two elements incorporated into one package.
(Transistors with built-in resistor)
q
Reduction of the mounting area and assembly cost by one half.
s Basic Part Number of Element
q
UN1214+UN1114
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Marking Symbol:
CA
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
50
V
Collector to emitter voltage
VCEO
50
V
Collector current
IC
100
mA
Collector to base voltage
VCBO
–50
V
Collector to emitter voltage
VCEO
–50
V
Collector current
IC
–100
mA
Total power dissipation
PT
300
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
Tr1
Overall
Tr2
1 : Collector (Tr1)
4 : Collector (Tr2)
2 : Base (Tr2)
5 : Base (Tr1)
3 : Emitter (Tr2)
6 : Emitter (Tr1)
EIAJ : SC–74
Mini Type Package (6–pin)
2.8
+0.2
–0.3
1.5
0.65
±0.15
0.65
±0.15
1
6
5
4
3
2
+0.25
–0.05
0.4
±0.2
0.1 to 0.3
6
Tr2
Tr1
5
43
2
1


Similar Part No. - XN04314

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN04311 PANASONIC-XN04311 Datasheet
111Kb / 5P
   Silicon NPN epitaxial planer transistor
XN04312 PANASONIC-XN04312 Datasheet
114Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
XN04316 PANASONIC-XN04316 Datasheet
113Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
More results

Similar Description - XN04314

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XN1601 PANASONIC-XN1601 Datasheet
60Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XP0431N PANASONIC-XP0431N Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP4401 PANASONIC-XP4401 Datasheet
42Kb / 3P
   Silicon NPN(PNP) epitaxial planer transistor
XP1C301 PANASONIC-XP1C301 Datasheet
56Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XN04A88 PANASONIC-XN04A88 Datasheet
51Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XN4381 PANASONIC-XN4381 Datasheet
52Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP4312 PANASONIC-XP4312 Datasheet
110Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
XP4654 PANASONIC-XP4654 Datasheet
60Kb / 4P
   Silicon NPN(PNP) epitaxial planer transistor
XP1B301 PANASONIC-XP1B301 Datasheet
56Kb / 5P
   Silicon PNP(NPN) epitaxial planer transistor
XP4314 PANASONIC-XP4314 Datasheet
109Kb / 5P
   Silicon NPN(PNP) epitaxial planer transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com