Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B05140BD1 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # B05140BD1
Description  FEMALE HEADER PROFILE : 6.6mm STRAIGHT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

B05140BD1 Datasheet(HTML) 1 Page - DB Lectro Inc

  B05140BD1 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - B05140BD1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B051-000 ETC2-B051-000 Datasheet
491Kb / 5P
   Server Remote Control, External KVM over IP
B0510-2R5224 ETC2-B0510-2R5224 Datasheet
59Kb / 2P
   Aerogel Capacitors
logo
Cooper Bussmann, Inc.
B0510-2R5224-R COOPER-B0510-2R5224-R Datasheet
250Kb / 2P
   Supercapacitors
logo
Eaton All Rights Reserv...
B0510-2R5224-R EATON-B0510-2R5224-R Datasheet
364Kb / 3P
   Cylindrical cells
logo
Chip Integration Techno...
B05100W CITC-B05100W Datasheet
90Kb / 3P
   0.5A Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B05140BD1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCIDCB5S04BS1 DUBILIER-DBCIDCB5S04BS1 Datasheet
135Kb / 1P
   FEMALE HEADERS FEMALE HEADER STRAIGHT - 6.6mm PROFILE
logo
DB Lectro Inc
B31 DBLECTRO-B31 Datasheet
238Kb / 1P
   FEMALE HEADER PROFILE : 6.4mm STRAIGHT
B01 DBLECTRO-B01 Datasheet
236Kb / 1P
   FEMALE HEADER PROFILE : 3.5mm STRAIGHT
B10 DBLECTRO-B10 Datasheet
243Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm STRAIGHT
B04 DBLECTRO-B04 Datasheet
431Kb / 1P
   FEMALE HEADER PROFILE : 5.5mm STRAIGHT
B06 DBLECTRO-B06 Datasheet
230Kb / 1P
   FEMALE HEADER PROFILE : 8.4mm STRAIGHT
B12 DBLECTRO-B12 Datasheet
210Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm STRAIGHT
B13 DBLECTRO-B13 Datasheet
225Kb / 1P
   FEMALE HEADER PROFILE : 4.5mm STRAIGHT
B26 DBLECTRO-B26 Datasheet
240Kb / 1P
   FEMALE HEADER PROFILE : 7.0mm STRAIGHT
B03 DBLECTRO-B03 Datasheet
209Kb / 1P
   FEMALE HEADER PROFILE : 5.2mm STRAIGHT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com