Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-LFOBGALF3C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # IC-LFOBGALF3C
Description  128x1 Linear Image Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IC-LFOBGALF3C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  IC-LFOBGALF3C Datasheet HTML 1Page - List of Unclassifed Manufacturers IC-LFOBGALF3C Datasheet HTML 2Page - List of Unclassifed Manufacturers IC-LFOBGALF3C Datasheet HTML 3Page - List of Unclassifed Manufacturers IC-LFOBGALF3C Datasheet HTML 4Page - List of Unclassifed Manufacturers IC-LFOBGALF3C Datasheet HTML 5Page - List of Unclassifed Manufacturers IC-LFOBGALF3C Datasheet HTML 6Page - List of Unclassifed Manufacturers IC-LFOBGALF3C Datasheet HTML 7Page - List of Unclassifed Manufacturers IC-LFOBGALF3C Datasheet HTML 8Page - List of Unclassifed Manufacturers IC-LFOBGALF3C Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
iC-LF1401
128x1 Linear Image Sensor
Rev A3, Page 4/9
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Fig.
Unit
No.
Min.
Max.
G001 VDD
Digital Supply Voltage
-0.3
6
V
G002 VCC
Analog Supply Voltage
-0.3
6
V
G003 V()
Voltage at SI, CLK, DIS, RSET, TP, AO
-0.3
VCC+
0.3
V
G004 I()
Current in RSET, TP, AO
-10
10
mA
G005 Vd()
ESD Susceptibility at all pins
MIL-STD-883, Method 3015, HBM
100 pF discharged through 1.5k
2
kV
G006 Tj
Operating Junction Temperature
-40
125
°C
G007 Ts
Storage Temperature Range
see package speci
cation
THERMAL DATA
Operating Conditions: VCC = VDD = 5V
±10%
Item
Symbol
Parameter
Conditions
Fig.
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
(extended range on request)
see package speci
cation
All voltages are referenced to ground unless otherwise stated.
All currents into the device pins are positive; all currents out of the device pins are negative.


Similar Part No. - IC-LFOBGALF3C

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LF1401 ICHAUS-IC-LF1401 Datasheet
324Kb / 10P
   128x1 LINEAR IMAGE SENSOR
IC-LFH ICHAUS-IC-LFH Datasheet
1Mb / 14P
   HIGH-RESOLUTION LINEAR IMAGE SENSORS
iC-LFH1024 ICHAUS-iC-LFH1024 Datasheet
1Mb / 14P
   HIGH-RESOLUTION LINEAR IMAGE SENSORS
iC-LFH320 ICHAUS-iC-LFH320 Datasheet
1Mb / 14P
   HIGH-RESOLUTION LINEAR IMAGE SENSORS
iC-LFH640 ICHAUS-iC-LFH640 Datasheet
1Mb / 14P
   HIGH-RESOLUTION LINEAR IMAGE SENSORS
More results

Similar Description - IC-LFOBGALF3C

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-LF1401 ICHAUS-IC-LF1401 Datasheet
324Kb / 10P
   128x1 LINEAR IMAGE SENSOR
logo
ams AG
TSL1401CL AMSCO-TSL1401CL Datasheet
647Kb / 17P
   128X1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401CS-LF AMSCO-TSL1401CS-LF Datasheet
686Kb / 19P
   128X1 LINEAR SENSOR ARRAY WITH HOLD
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com