Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1505C Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HFBR-1505C
Description  Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-1505C Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HFBR-1505C Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-1505C Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-1505C Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-1505C Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-1505C Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-1505C Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-1505C Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-1505C Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-1505C Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Figure 7. Typical POF Receiver
Overdrive PRL,max at 10 MBd vs.
Temperature and Power Supply Voltage.
Figure 8. Typical POF Receiver Pulse Width
Distortion vs. Optical Power at 10 MBd.
Figure 9. Typical POF Receiver Pulse Width
Distortion vs. Power Supply Voltage at High
Optical Power, (0 dBm, 10 MBd).
6
-40
-20
0
20
40
60
100
TEMPERATURE – °C
5
4
3
1
0
VCC = 5.0 V
VCC = 5.25 V
VCC = 4.75 V
2
80
30
-22
-18
-14
-10
-5
2
PPL – RECEIVER OPTICAL INPUT POWER – dBm
20
10
0
-20
-30
-10
-2
Figure 10. Typical POF Receiver Pulse Width
Distortion vs. Power Supply Voltage at Low
Optical Power, (-21 dBm, 10 MBd).
-13
4.7
4.9 5.0 5.1
5.3
5.5
VCC – VOLTS
-14
-15
-17
-18
-16
5.4
4.8
5.2
16
4.7
4.9 5.0 5.1
5.3
5.5
VCC – VOLTS
15
14
13
10
9
12
5.4
11
4.8
5.2


Similar Part No. - HFBR-1505C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1505CFZ AVAGO-HFBR-1505CFZ Datasheet
96Kb / 4P
   Change to improved mold compound
HFBR-1505CZ AVAGO-HFBR-1505CZ Datasheet
101Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
HFBR-1505CZ AVAGO-HFBR-1505CZ Datasheet
96Kb / 4P
   Change to improved mold compound
More results

Similar Description - HFBR-1505C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2505AZ AVAGO-HFBR-2505AZ Datasheet
101Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
logo
Broadcom Corporation.
HFBR-0600Z BOARDCOM-HFBR-0600Z Datasheet
764Kb / 9P
   SERCOS Fiber Optic Transmitters and Receivers
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0600Z AVAGO-HFBR-0600Z Datasheet
371Kb / 6P
   SERCOS Fiber Optic Transmitters and Receivers
logo
Agilent(Hewlett-Packard...
HFBR-2506AM HP-HFBR-2506AM Datasheet
188Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2506AMZ AVAGO-HFBR-2506AMZ Datasheet
235Kb / 6P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-1506AM AVAGO-HFBR-1506AM Datasheet
170Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-0541 AVAGO-HFBR-0541 Datasheet
176Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-1505A AVAGO-HFBR-1505A Datasheet
242Kb / 11P
   Fiber Optic Transmitters and Receivers for Fieldbus Applications
logo
Agilent(Hewlett-Packard...
HFBR-0600 HP-HFBR-0600 Datasheet
247Kb / 6P
   SERCOS Fiber Optic Transmitters and Receiver
logo
Broadcom Corporation.
AFBR-1555ARZ BOARDCOM-AFBR-1555ARZ Datasheet
549Kb / 9P
   Reinforced Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com