Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT728981J Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT728981J
Description  TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT728981J Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT728981J Datasheet HTML 1Page - Integrated Device Technology IDT728981J Datasheet HTML 2Page - Integrated Device Technology IDT728981J Datasheet HTML 3Page - Integrated Device Technology IDT728981J Datasheet HTML 4Page - Integrated Device Technology IDT728981J Datasheet HTML 5Page - Integrated Device Technology IDT728981J Datasheet HTML 6Page - Integrated Device Technology IDT728981J Datasheet HTML 7Page - Integrated Device Technology IDT728981J Datasheet HTML 8Page - Integrated Device Technology IDT728981J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Commercial Temperature Range
IDT728981 Time Slot Interchange
Digital Switch 128 x 128
35
34
33
32
31
30
29
37
36
5703 drw02
INDEX
38
39
11
12
13
14
15
16
17
9
10
8
7
TX3
GND
D0
RX3
VCC
F0i
C4i
A0
D1
D2
D3
D4
A1
A2
DNC(1)
DNC(1)
DNC(1)
DNC(1)
VCC
VCC
VCC
VCC
DTA
DNC(1)
ODE
1
2
40
39
TX0
3
38
TX1
4
37
TX2
5
36
TX3
6
35
7
34
8
33
9
32
10
31
GND
11
30
D0
12
29
CS
13
28
14
27
5703 drw04
15
16
17
18
19
20
26
25
24
23
22
21
RX1
RX2
RX3
F0i
A0
R/
W
DS
C4i
VCC
RX0
D1
D2
D3
D4
D5
D6
D7
A1
A2
A3
A4
A5
DNC(1)
DNC(1)
DNC(1)
DNC(1)
VCC
VCC
VCC
VCC
PIN CON.IGURATION
PIN DESCRIPTIONS
PLCC: 0.05in. pitch, 0.65in. x 0.65in.
(J44-1, order code: J)
TOP VIEW
PLASTIC DIP: 0.10in. pitch, 2.05in. x 0.60in.
(P40-1, order code: P)
TOP VIEW
NOTE:
1. DNC - Do Not Connect
SYMBOL
NAME
I/O
DESCRIPTION
GND
Ground.
Ground Rail.
VCC
VCC
+5.0 Volt Power Supply.
DTA
Data Acknowledgment
O
This active LOW output indicates that a data bus transfer is complete. A pull-up resistor is required at this
(Open Drain)
output.
RX0-3
RX Input 0 to 3
I
Serial data input streams. These streams have 32 channels at data rates of 2.048 Mb/s.
F0i
Frame Pulse
I
This input identifies frame synchronization signals formatted to ST-BUS® specifications.
C4i
Clock
I
4.096 MHz serial clock for shifting data in and out of the data streams.
A0-A5
Address 0 to 5
I
These lines provide the address to IDT728981 internal registers.
DS
Data Strobe
I
This is the input for the active HIGH data strobe on the microprocessor interface. This input operates with
CS to enable the internal read and write generation.
R/
W
Read/Write
I
This input controls the direction of the data bus lines (D0-D7) during a microprocessor access.
CS
Chip Select
I
Active LOW input enabling a microprocessor read or write of control register or internal memories.
D0-D7
Data Bus 0 to 7
I/O
These pins provide microprocessor access to data in the internal control register. Connection Memory HIGH,
Connection Memory LOW and data memory.
TX0-3
TX Outputs 0 to 3
O
Serial data output streams. These streams are composed of 32, 64 Kbit/s channels at data rates of 2.048 Mb/s.
(Three-state Outputs)
ODE
Output Drive Enable
I
This is an output enable for the TX0-3 serial outputs. If this input is LOW, TX0-3 are high-impedance. If this is
HIGH, each channel may still be put into high-impedance by software control.
29
28
27
26
25
24
23
31
30
5703 drw03
INDEX
32
33
5
6
7
8
9
10
11
3
4
2
1
TX3
GND
D0
RX3
VCC
F0i
C4i
A0
D1
D2
D3
D4
A1
A2
VCC
VCC
VCC
VCC
DNC(1)
DNC(1)
DNC(1)
DNC(1)
PQFP: 0.80mm pitch, 10mm x 10mm
(DB44-1, order code: DB)
TOP VIEW


Similar Part No. - IDT728981J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
More results

Similar Description - IDT728981J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
logo
Integrated Device Techn...
IDT72V8988 IDT-IDT72V8988 Datasheet
130Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8981 IDT-IDT72V8981 Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT72V8981 RENESAS-IDT72V8981 Datasheet
335Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
AUGUST 2003
logo
Integrated Device Techn...
IDT72V70180 IDT-IDT72V70180 Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
   TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
logo
Integrated Device Techn...
IDT7290820 IDT-IDT7290820 Datasheet
167Kb / 27P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
logo
Renesas Technology Corp
IDT728985 RENESAS-IDT728985 Datasheet
410Kb / 14P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
2001
logo
Integrated Device Techn...
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com