Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT728981J Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT728981J
Description  TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT728981J Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT728981J Datasheet HTML 2Page - Integrated Device Technology IDT728981J Datasheet HTML 3Page - Integrated Device Technology IDT728981J Datasheet HTML 4Page - Integrated Device Technology IDT728981J Datasheet HTML 5Page - Integrated Device Technology IDT728981J Datasheet HTML 6Page - Integrated Device Technology IDT728981J Datasheet HTML 7Page - Integrated Device Technology IDT728981J Datasheet HTML 8Page - Integrated Device Technology IDT728981J Datasheet HTML 9Page - Integrated Device Technology IDT728981J Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Commercial Temperature Range
IDT728981 Time Slot Interchange
Digital Switch 128 x 128
Test Point
Output
Pin
CL
GND
S1
RL
VCC
GND
5703 drw08
S2
S1isopencircuitexceptwhentestingoutput
levels or high impedance states.
S2 is switched to VCC or GND when testing
output levels or high impedance states.
Figure 4. Output Load
RECOMMENDED OPERATING
CONDITIONS
DC ELECTRICAL CHARACTERISTICS
NOTE:
1. Typical figures are at 25
°C and are for design aid only; not guaranteed and not subject
to production testing.
NOTE:
1. Typical figures are at 25
°C and are for design aid only; not guaranteed and not subject to production testing.
Symbol
Parameter
Min.
Max.
Unit
VCC - GND
-0.3
7
V
Vi
Voltage on Digital Inputs
GND - 0.3
VCC +0.3
V
VO
Voltage on Digital Outputs
GND - 0.3
VCC +0.3
V
IO
Current at Digital Outputs
40
mA
TS
StorageTemperature
-65
+150
° C
PD
Package Power Dissapation
2
W
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
VCC
Positive Supply
4.75
5.25
V
VI
InputVoltage
0
VCC
V
TOP
OperatingTemperature
-40
+85
°C
Commercial
Symbol
Parameter
Min.
Typ.(1)
Max.
Units
Test Conditions
ICC
Supply Current
7
10
mA
OutputsUnloaded
VIH
Input High Voltage
2.0

V
VIL
Input Low Voltage

0.8
V
IIL
InputLeakage

5
µAVI between GND and VCC
CI
InputCapacitance
8
pF
VOH
Output High Voltage
2.4

VIOH = 10mA
IOH
Output High Current
10
15
mA
Sourcing. VOH = 2.4V
VOL
Output Low Voltage

0.4
V
IOL = 5mA
IOL
Output Low Current
5
10
mA
Sinking. VOL = 0.4V
IOZ
High Impedance Leakage

5
µAVO between GND and VCC
CO
Output Pin Capacitance
8
pF
NOTE:
1. Exceeding these values may cause permanent damage. Functional operation
under these conditions is not implied.
ABSOLUTE MAXIMUM RATINGS (1)


Similar Part No. - IDT728981J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
More results

Similar Description - IDT728981J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
logo
Integrated Device Techn...
IDT72V8988 IDT-IDT72V8988 Datasheet
130Kb / 14P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
IDT72V8981 IDT-IDT72V8981 Datasheet
113Kb / 11P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT72V8981 RENESAS-IDT72V8981 Datasheet
335Kb / 12P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
AUGUST 2003
logo
Integrated Device Techn...
IDT72V70180 IDT-IDT72V70180 Datasheet
147Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
   TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
logo
Integrated Device Techn...
IDT7290820 IDT-IDT7290820 Datasheet
167Kb / 27P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
logo
Renesas Technology Corp
IDT728985 RENESAS-IDT728985 Datasheet
410Kb / 14P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
2001
logo
Integrated Device Techn...
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com