Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4M561633G-RF1L Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4M561633G-RF1L
Description  4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M561633G-RF1L Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4M561633G-RF1L Datasheet HTML 3Page - Samsung semiconductor K4M561633G-RF1L Datasheet HTML 4Page - Samsung semiconductor K4M561633G-RF1L Datasheet HTML 5Page - Samsung semiconductor K4M561633G-RF1L Datasheet HTML 6Page - Samsung semiconductor K4M561633G-RF1L Datasheet HTML 7Page - Samsung semiconductor K4M561633G-RF1L Datasheet HTML 8Page - Samsung semiconductor K4M561633G-RF1L Datasheet HTML 9Page - Samsung semiconductor K4M561633G-RF1L Datasheet HTML 10Page - Samsung semiconductor K4M561633G-RF1L Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
K4M561633G - R(B)N/G/L/F
January 2006
Mobile SDRAM
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
NOTES:
1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Maximum burst refresh cycle : 8
3. Minimum delay is required to complete write.
4. Minimum tRDL=2CLK and tDAL(= tRDL + tRP) is required to complete both of last data write command(tRDL) and precharge command(tRP).
5. All parts allow every cycle column address change.
6. In case of row precharge interrupt, auto precharge and read burst stop.
Parameter
Symbol
Version
Unit
Note
-75
-1H
-1L
Row active to row active delay
tRRD(min)
15
18
18
ns
1
RAS to CAS delay
tRCD(min)
18
18
24
ns
1
Row precharge time
tRP(min)
18
18
24
ns
1
Row active time
tRAS(min)
45
50
60
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
63
68
84
ns
1,2
Last data in to row precharge
tRDL(min)
2
CLK
3
Last data in to Active delay
tDAL(min)
tRDL + tRP
-
4
Last data in to new col. address delay
tCDL(min)
1
CLK
3
Last data in to burst stop
tBDL(min)
1
CLK
3
Col. address to col. address delay
tCCD(min)
1
CLK
5
Number of valid output data
CAS latency=3
2
ea
6
Number of valid output data
CAS latency=2
1
Number of valid output data
CAS latency=1
0


Similar Part No. - K4M561633G-RF1L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M56163LG SAMSUNG-K4M56163LG Datasheet
113Kb / 12P
   2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163LG-BN/F1H SAMSUNG-K4M56163LG-BN/F1H Datasheet
113Kb / 12P
   2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163LG-BN/F1L SAMSUNG-K4M56163LG-BN/F1L Datasheet
113Kb / 12P
   2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163LG-BN/F75 SAMSUNG-K4M56163LG-BN/F75 Datasheet
113Kb / 12P
   2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163LG-BN/G SAMSUNG-K4M56163LG-BN/G Datasheet
113Kb / 12P
   2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results

Similar Description - K4M561633G-RF1L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S56163PF SAMSUNG-K4S56163PF Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PE-R SAMSUNG-K4M56163PE-R Datasheet
112Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M56163PG SAMSUNG-K4M56163PG Datasheet
115Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S51153LF SAMSUNG-K4S51153LF Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163LC SAMSUNG-K4M51163LC Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK SAMSUNG-K4M64163PK Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S51153PF SAMSUNG-K4S51153PF Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M28163LF SAMSUNG-K4M28163LF Datasheet
115Kb / 12P
   2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M511633E SAMSUNG-K4M511633E Datasheet
112Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M51163PC-RBE SAMSUNG-K4M51163PC-RBE Datasheet
115Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com