Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM95HS02EN14 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NM95HS02EN14
Description  HiSeC-TM High Security Rolling Code Generator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NM95HS02EN14 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  NM95HS02EN14 Datasheet HTML 1Page - National Semiconductor (TI) NM95HS02EN14 Datasheet HTML 2Page - National Semiconductor (TI) NM95HS02EN14 Datasheet HTML 3Page - National Semiconductor (TI) NM95HS02EN14 Datasheet HTML 4Page - National Semiconductor (TI) NM95HS02EN14 Datasheet HTML 5Page - National Semiconductor (TI) NM95HS02EN14 Datasheet HTML 6Page - National Semiconductor (TI) NM95HS02EN14 Datasheet HTML 7Page - National Semiconductor (TI) NM95HS02EN14 Datasheet HTML 8Page - National Semiconductor (TI) NM95HS02EN14 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLD12302
February 1996
NM95HS01NM95HS02
HiSeCTM High Security Rolling Code Generator
General Description
The NM95HS0102 HiSeC Rolling Code Generator is a
small footprint monolithic CMOS device designed to pro-
vide a complete low-cost high security solution to the prob-
lem of generating encrypted signals for remote keyless en-
try (RKE) applications
The NM95HS0102 generates a fully encoded bit stream
each time one of (up to) 4 switch inputs is activated The
patented
coding scheme utilizes 248 possible user-pro-
grammable coding combinations and features high linear
complexity and correlation immunity High security is guar-
anteed by generating a unique (rolling) code for each trans-
mission and can be further enhanced by creating custom-
ized algorithms for individual customers With this product
each key can be designed to be both unique and highly
secure
The NM95HS0102 supports either an IR or RF signal
transmitter and can be clocked with either an RC clock
(NM95HS01) or a crystal oscillator (NM95HS02) The de-
vice operates over a voltage range of 22V to 65V and
offers a low power standby mode (k1 mA) for battery appli-
cations The product is available in both 8-pin and 14-pin SO
packages with 2 or 4 key switch inputs that can be used for
customer presets such as seat positions and vehicle oper-
ating functions such as car door lockingunlocking
Patents Pending
Features
Y
High security coding scheme with 248 combinations
Y
High linear complexity and correlation immunity
Y
22V to 65V operation
Y
Less than 1 mA standby current
Y
Full resynchronization capability
Y
Unique customized algorithm option
Y
13 bytes on-chip non-volatile configuration memory
Y
RC or XTAL clock options for to 41 MHz operation
Y
Supports both IR and RF signal transmission
Y
Selection of bit coding and transmission frame formats
Y
Space saving narrow body SO8 or SO14 packages
Y
Up to 4 key switch inputs on SO14 package
Applications
Y
Remote Keyless Entry (RKE) applications
Y
Burglar alarmsgarage door openers
Y
Individualized recognitiontransmission systems
Y
Personalized consumer automotive applications
Relevant Documents
Y
MM57HS01 datasheet
Y
Designing and Programming a Complete HiSeCTM-
based RKE System
AN-985
Y
HiSeC Remote Keyless Entry Solution EncoderDecod-
er Chip Set User’s Manual
AN-355
Functional Block Diagram
TLD12302 – 1
Note
Signals shown are internal logic signals
FIGURE 1
HiSeCTM and MICROWIRETM are trademarks of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M66Printed in U S A


Similar Part No. - NM95HS02EN14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM95MS14 NSC-NM95MS14 Datasheet
162Kb / 8P
   Plug n Play Front-End Devices for ISA-Bus Systems
NM95MS14VBH NSC-NM95MS14VBH Datasheet
162Kb / 8P
   Plug n Play Front-End Devices for ISA-Bus Systems
NM95MS15 NSC-NM95MS15 Datasheet
171Kb / 10P
   Plug and Play Front-End Device for ISA-Bus Systems
NM95MS15S NSC-NM95MS15S Datasheet
171Kb / 10P
   Plug and Play Front-End Device for ISA-Bus Systems
NM95MS15VEH NSC-NM95MS15VEH Datasheet
171Kb / 10P
   Plug and Play Front-End Device for ISA-Bus Systems
More results

Similar Description - NM95HS02EN14

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2282 PTC-PT2282 Datasheet
88Kb / 3P
   Programmable Rolling Code Encoder IC
PT2283 PTC-PT2283 Datasheet
814Kb / 5P
   Programmable Rolling Code Encoder IC
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
   Programmable Rolling Code Encoder IC
logo
Renesas Technology Corp
R20UT2918EJ0100 RENESAS-R20UT2918EJ0100 Datasheet
343Kb / 11P
   Code Generator
logo
Microchip Technology
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
   KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
logo
List of Unclassifed Man...
M2630 ETC1-M2630 Datasheet
134Kb / 1P
   SECURITY CODE WIRELESS DOOR BELL
logo
Microchip Technology
HCS512 MICROCHIP-HCS512_11 Datasheet
715Kb / 34P
   KEELOQ짰 Code Hopping Decoder system and high security
2011
logo
Texas Instruments
CDCD5704 TI-CDCD5704 Datasheet
306Kb / 17P
[Old version datasheet]   Rambus TM XDR TM CLOCK GENERATOR
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
   SMPTE Time Code Receiver/Generator
2019
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
   SMPTE Time Code Receiver/Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com