Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FBR56ND12W1 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # FBR56ND12W1
Description  COMPACT HIGH POWER RELAY 1 POLE-30A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR56ND12W1 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

  FBR56ND12W1 Datasheet HTML 1Page - Fujitsu Component Limited. FBR56ND12W1 Datasheet HTML 2Page - Fujitsu Component Limited. FBR56ND12W1 Datasheet HTML 3Page - Fujitsu Component Limited. FBR56ND12W1 Datasheet HTML 4Page - Fujitsu Component Limited. FBR56ND12W1 Datasheet HTML 5Page - Fujitsu Component Limited. FBR56ND12W1 Datasheet HTML 6Page - Fujitsu Component Limited. FBR56ND12W1 Datasheet HTML 7Page - Fujitsu Component Limited. FBR56ND12W1 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
FBR56 SERIES
NOT
FOR
NEW
DESIGN
s REFERENCE DATA
80
60
40
20
0 10 20 30 4050 6070 80
0
FBR56
n = 100
Operate
Release
Distribution of operate and release voltage
Nominal voltage multiplying factor (%)
80
100
60
40
20
0
1 2
3
45
67
8
0
FBR56
n = 100
Operate
Release
Distribution of operate and release time
Time (ms)
0 10 20 30 4050 6070 80
100
80
60
40
20
0
FBR56
n = 100
Distribution of contact resistance
Contact resistance (m
Ω)
s DIMENSIONS
7.62
(3.4)
F&T
56D12-W1
9415A
20.0+0.3
35 pcs/tube
562 Max.
22.9 Max.
q Tube carrier
Terminal No.1, 2
0.5 t x1.2 W
Terminal No.3, 4
0.3 t x1.0 W
Terminal No.5, 6
0.3 tx 1.2 W
(3.9)
7.62
5.08
Unit : mm
4
2
3
1
6
5
COM.
N.O.
N.C.
q Dimensions
q PC board mounting hole layout
(BOTTOM VIEW)
q Schematics (BOTTOM VIEW)
7.62
2-¿ 1.5
2-¿1.3
2-¿ 1.4


Similar Part No. - FBR56ND12W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR56ND12-W1 FUJITSU-FBR56ND12-W1 Datasheet
509Kb / 9P
   COMPACT HIGH POWER RELAY 1 POLE-30 A
More results

Similar Description - FBR56ND12W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR562 FUJITSU-FBR562 Datasheet
52Kb / 8P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A
FBR56 FUJITSU-FBR56_08 Datasheet
509Kb / 9P
   COMPACT HIGH POWER RELAY 1 POLE-30 A
FBR512 FUJITSU-FBR512_08 Datasheet
571Kb / 7P
   COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
JV-12S-KS FUJITSU-JV-12S-KS Datasheet
357Kb / 6P
   POWER RELAY 1 POLE - 10A High Power Relay
FTR-K2W FUJITSU-FTR-K2W Datasheet
727Kb / 6P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FBR562 FUJITSU-FBR562_09 Datasheet
430Kb / 10P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A (FOR AUTOMOTIVE APPLICATIONS)
FTR-K2W FUJITSU-FTR-K2W_12 Datasheet
170Kb / 8P
   POWER RELAY 1 POLE - 30A DC Relay 2 x 3.2mm contact gap
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com