Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX5959G701ADJB1 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # FX5959G701ADJB1
Description  Power LED Driver the Smallest and Low Profile, Constant Current Source 0 - 2.0A, 2.5V to 7V, with 450W/in3 Power Density and High Efficiency
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FX5959G701ADJB1 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button FX5959G701ADJB1 Datasheet HTML 3Page - Vishay Siliconix FX5959G701ADJB1 Datasheet HTML 4Page - Vishay Siliconix FX5959G701ADJB1 Datasheet HTML 5Page - Vishay Siliconix FX5959G701ADJB1 Datasheet HTML 6Page - Vishay Siliconix FX5959G701ADJB1 Datasheet HTML 7Page - Vishay Siliconix FX5959G701ADJB1 Datasheet HTML 8Page - Vishay Siliconix FX5959G701ADJB1 Datasheet HTML 9Page - Vishay Siliconix FX5959G701ADJB1 Datasheet HTML 10Page - Vishay Siliconix FX5959G701ADJB1 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Document Number: 10135
For technical questions, contact FunctionPAK@vishay.com
For marketing questions, contact FunctionPAK.marketing@vishay.com
www.vishay.com
Revision: 18-Jan-05
85
FX5959G701
Vishay
TAPE AND REEL INFORMATION
Ø 1.50 + 0.10
1.75 + 0.10
11.50 + 0.10
Ø 1.50 + 0.25
24.00 + 0.30
– 0.10
4.00 + 0.10
20.00 + 0.10
2.00 + 0.10
8
° MAX
15.75 + 0.10
4
° MAX
3.80 + 0.10
15.80 + 0.10
0.356 + 0.013
Ao
Ko
Bo
L
N
N1
W3
W2
M
Q
W1
PER STANDARD EIA-481-2-A
(REVISION OF 481-2 AND INCLUSION OF EIA-481-3)
T5 - 13’’ REEL DIMENSIONS in millimeters
DIMENSION
MIN
MAX
L
330
M
12.8
13.2
N
20.2
N1
1.5
Q
100
W1
24.4
26.4
W2
30.4
W3
27.4


Similar Part No. - FX5959G701ADJB1

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FX5(100)-240X240T2900 KEMET-FX5(100)-240X240T2900 Datasheet
55Kb / 1P
   KEMET, FX5, Flex Suppressors, Commercial Grade
FX5(25)-120X120T2900 KEMET-FX5(25)-120X120T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
FX5(25)-240X240T2900 KEMET-FX5(25)-240X240T2900 Datasheet
53Kb / 1P
   KEMET, FX5, Flex Suppressors, Commercial Grade
FX5(25)-80X80T2900 KEMET-FX5(25)-80X80T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
FX5(50)-120X120T2900 KEMET-FX5(50)-120X120T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
More results

Similar Description - FX5959G701ADJB1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FX4040G7XX VISHAY-FX4040G7XX Datasheet
364Kb / 6P
   Universal Constant Current Control 1 Channel and 2 Channels The Smallest and Low Profile Constant Current Control 0 - 2.0A, up to 35V, with 170W/in3
Revision: 22-Sep-04
FX5545G105 VISHAY-FX5545G105 Datasheet
191Kb / 4P
   Industry Smallest and Low Profile 6.5W 2.0A DC/DC Buck Converter with High Output Power Density
Revision: 21-Jan-05
FX5545G108 VISHAY-FX5545G108 Datasheet
567Kb / 6P
   The Smallest and Low Profile 0.9V to 4.5V, 4A with 570W/in^3 Power Density Efficiency up to 95% DC/DC Buck Converter
Revision: 21-Jan-05
logo
SeCoS Halbleitertechnol...
SSMG501 SECOS-SSMG501 Datasheet
233Kb / 4P
   Low Power Constant Current LED Driver
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
   High Power Constant Current LED Driver
LD1007 MARL-LD1007 Datasheet
116Kb / 1P
   High Power Constant Current LED Driver
LD1026 MARL-LD1026 Datasheet
34Kb / 1P
   High Power Constant Current LED Driver
LD-CUANDLD-PI MARL-LD-CUANDLD-PI Datasheet
39Kb / 1P
   High Power Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com