|
| XN4482 |
|
||
|
PANASONIC |
|
4 page
4 Composite Transistors Characteristics charts of Tr2 IC — VCE IC — IB VCE(sat) — IC VBE(sat) — IC hFE — IC fT — IE Cob — VCB XN4482 0– 20 –4 –8 –16 –12 Collector to emitter voltage VCE (V) 0 – 800 – 700 – 600 – 500 – 400 – 300 – 200 –100 Ta=25˚C IB= –10mA –9mA –8mA – 7mA – 6mA –5mA – 4mA –3mA –2mA –1mA 0 –10 –8 –6 –4 –2 Base current IB (mA) 0 – 800 – 700 – 600 – 500 – 400 – 300 – 200 –100 VCE= –10V Ta=25˚C –0.001 –0.003 –1 – 3 –0.01 –0.03 –0.1 –0.3 –1 –3 –10 –10 – 30 –100 – 300 –1000 Collector current IC (mA) IC/IB=10 Ta=75˚C 25˚C –25˚C –0.01 –0.03 –1 – 3 –0.1 –0.3 –1 –3 –10 –30 –100 –10 – 30 –100 – 300 –1000 Collector current IC (mA) IC/IB=10 Ta= – 25˚C 25˚C 75˚C 0 –1 – 3 300 250 200 150 100 50 –10 – 30 –100 – 300 –1000 Collector current IC (mA) VCE= –10V Ta=75˚C 25˚C – 25˚C 0 1 240 200 160 120 80 40 3 10 30 100 220 550 Emitter current IE (mA) VCB=–10V Ta=25˚C 0 –1 24 20 16 12 8 4 – 3 –10 –30 –100 –2 –20 –5 –50 Collector to base voltage VCB (V) f=1MHz IE=0 Ta=25˚C |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UN6111 | Silicon PNP epitaxial planer transistor | 1 2 3 4 5 More | Panasonic Semiconductor |
| XN1115 | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
| XN6115 | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
| XP0111M | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
| XP1116 | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
| UN6121 | Silicon PNP epitaxial planer transistor | 1 2 3 4 5 More | Panasonic Semiconductor |
| XN1116 | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
| XN1401 | Silicon PNP epitaxial planer transistor | 1 2 3 | Panasonic Semiconductor |
| XN6116 | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
| XP1117 | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |