Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L934HD Datasheet(PDF) 2 Page - Kingbright Corporation

Part # L934HD
Description  T-1 (3mm)SOLID STATE LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L934HD Datasheet(HTML) 2 Page - Kingbright Corporation

  L934HD Datasheet HTML 1Page - Kingbright Corporation L934HD Datasheet HTML 2Page - Kingbright Corporation L934HD Datasheet HTML 3Page - Kingbright Corporation L934HD Datasheet HTML 4Page - Kingbright Corporation L934HD Datasheet HTML 5Page - Kingbright Corporation L934HD Datasheet HTML 6Page - Kingbright Corporation L934HD Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPEC NO: CDA0696
REV NO: V.1
DATE: NOV/11/2001
PAGE: 2 OF 7
APPROVED : J. Lu
CHECKED :
DRAWN: Z.W.Yan
Selection Guide
Absolute Maximum Ratings at T)=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 4mm below package base.
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
Pe
c
i
De
c
i
D e
c
i
D e
c
i
De
c
i
De
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
m
(
v
I)
d
c
m
(
v
I
)
d
c
m
(
v
I
)
d
c
m
(
v
I)
d
c
m
(
v
I
A
m
0
1
@
g
n
i
w
e
i
Vg
n
i
w
e
i
V
g
n
i
w
e
i
V
g
n
i
w
e
i
Vg
n
i
w
e
i
V
e
l
g
n
A
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T .
p
y
T .
p
y
T.
p
y
T
2
/
1
θ
22
/
1
θ
2 2
/
1
θ
2 2
/
1
θ
22
/
1
θ
2
D
H
4
3
9
L)
P
a
G
(
D
E
R
T
H
G
I
R
BD
E
S
U
F
F
I
D
D
E
R1
3
°
0
6
D
I
4
3
9
L
D
E
R
Y
C
N
E
I
C
I
F
F
E
H
G
I
H
)
P
a
G
/
P
s
A
a
G
(
D
E
S
U
F
F
I
D
D
E
R8
5
0
6
T
I
4
3
9
L
T
N
E
R
A
P
S
N
A
R
T
D
E
R0
20
0
5
C
E
4
3
9
L
R
A
E
L
C
R
E
T
A
W0
20
0
5
D
E
4
3
9
L)
P
a
G
/
P
s
A
a
G
(
E
G
N
A
R
OD
E
S
U
F
F
I
D
E
G
N
A
R
O8
0
0
6
D
G
4
3
9
L
)
P
a
G
(
N
E
E
R
G
D
E
S
U
F
F
I
D
N
E
E
R
G8
0
0
6
T
G
4
3
9
L
T
N
E
R
A
P
S
N
A
R
T
N
E
E
R
G0
20
0
5
C
G
4
3
9
L
R
A
E
L
C
R
E
T
A
W0
20
0
5
D
Y
4
3
9
L
)
P
a
G
/
P
s
A
a
G
(
W
O
L
L
E
Y
D
E
S
U
F
F
I
D
W
O
L
L
E
Y5
5
0
6
T
Y
4
3
9
L
T
N
E
R
A
P
S
N
A
R
T
W
O
L
L
E
Y8
0
0
5
C
Y
4
3
9
L
R
A
E
L
C
R
E
T
A
W8
0
0
5
D
N
4
3
9
L
)
P
a
G
/
P
s
A
a
G
(
E
G
N
A
R
O
E
R
U
P
D
E
S
U
F
F
I
D
E
G
N
A
R
O8
0
0
6
T
N
4
3
9
L
T
N
E
R
A
P
S
N
A
R
T
E
G
N
A
R
O0
20
0
5
C
N
4
3
9
L
R
A
E
L
C
R
E
T
A
W0
20
0
5
D
G
P
4
3
9
L
)
P
a
G
(
N
E
E
R
G
E
R
U
P
D
E
S
U
F
F
I
D
N
E
E
R
G2
5
°
0
6
T
G
P
4
3
9
L
T
N
E
R
A
P
S
N
A
R
T
N
E
E
R
G3
5
0
5
C
G
P
4
3
9
L
R
A
E
L
C
R
E
T
A
W3
5
0
5
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
P
r
e
t
e
m
a
r
a
Pr
e
t
e
m
a
r
a
P
t
h
g
ir
Bt
h
g
ir
B
t
h
g
ir
B
t
h
g
ir
Bt
h
g
ir
B
d
e
R
h
g
i
Hh
g
i
H h
g
i
H h
g
i
Hh
g
i
H
y
c
n
e
i
c
if
f
E
d
e
R
e
g
n
a
r
Oe
g
n
a
r
O
e
g
n
a
r
O
e
g
n
a
r
Oe
g
n
a
r
On
e
e
r
Gn
e
e
r
G
n
e
e
r
G
n
e
e
r
Gn
e
e
r
Gw
o
ll
e
Yw
o
ll
e
Y
w
o
ll
e
Y
w
o
ll
e
Yw
o
ll
e
Y
e
r
u
Pe
r
u
P e
r
u
P e
r
u
Pe
r
u
P
e
g
n
a
r
O
e
r
u
Pe
r
u
P e
r
u
P e
r
u
Pe
r
u
P
n
e
e
r
G
s
ti
n
Us
ti
n
U s
ti
n
U s
ti
n
Us
ti
n
U
n
o
it
a
p
i
s
s
i
d
r
e
w
o
P0
2
15
0
15
0
15
0
15
0
15
0
15
0
1W
m
t
n
e
r
r
u
C
d
r
a
w
r
o
F
C
D5
20
30
35
20
30
35
2A
m
]
1
[
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P0
2
10
6
10
6
10
4
10
4
15
4
15
3
1A
m
e
g
a
tl
o
V
e
s
r
e
v
e
R5
5
5
5
5
5
5
V
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
/
g
n
it
a
r
e
p
O
0
4
- °
5
8
+
o
T
C
°C
]
2
[
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S
d
a
e
L
0
6
2 °
s
d
n
o
c
e
S
5
r
o
F
C


Similar Part No. - L934HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
   QUAD LOW SIDE DRIVER
L9341H STMICROELECTRONICS-L9341H Datasheet
130Kb / 10P
   QUAD LOW SIDE DRIVER
L9341V STMICROELECTRONICS-L9341V Datasheet
130Kb / 10P
   QUAD LOW SIDE DRIVER
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
L9346DIE STMICROELECTRONICS-L9346DIE Datasheet
96Kb / 13P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - L934HD

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K600 QT-HLMP-K600 Datasheet
244Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-16 LITEON-LTL-16 Datasheet
282Kb / 1P
   T-1(3mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L1154ID KINGBRIGHT-L1154ID Datasheet
165Kb / 5P
   T-1(3mm) SOLID STATE LAMPS
L7104GD KINGBRIGHT-L7104GD Datasheet
187Kb / 6P
   T-1 (3mm)SOLID STATE LAMPS
L132XID KINGBRIGHT-L132XID Datasheet
162Kb / 5P
   T-1 3MM SOLID STATE LAMPS
L934SE KINGBRIGHT-L934SE Datasheet
88Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
L-1154G KINGBRIGHT-L-1154G Datasheet
173Kb / 5P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
   T-1 (3mm) Solid State LED Lamps
logo
Visual Communications C...
4303F VCC-4303F Datasheet
73Kb / 1P
   Solid State LED Lamps-Super Brite T-1 (3mm)
logo
Lite-On Technology Corp...
LTL-4203 LITEON-LTL-4203 Datasheet
638Kb / 6P
   T-1 3/4 (3mm) Solid State LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com