Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L934NC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # L934NC
Description  T-1 (3mm)SOLID STATE LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L934NC Datasheet(HTML) 1 Page - Kingbright Corporation

  L934NC Datasheet HTML 1Page - Kingbright Corporation L934NC Datasheet HTML 2Page - Kingbright Corporation L934NC Datasheet HTML 3Page - Kingbright Corporation L934NC Datasheet HTML 4Page - Kingbright Corporation L934NC Datasheet HTML 5Page - Kingbright Corporation L934NC Datasheet HTML 6Page - Kingbright Corporation L934NC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPEC NO: CDA0696
REV NO: V.1
DATE: NOV/11/2001
PAGE: 1 OF 7
APPROVED : J. Lu
CHECKED :
DRAWN: Z.W.Yan
Features
!
HIGH INTENSITY.
!
LOW POWER CONSUMPTION.
!
POPULAR T-1 DIAMETER PACKAGE.
!
GENERAL PURPOSE LEADS.
!
RELIABLE AND RUGGED.
!
LONG LIFE - SOLID STATE RELIABILITY.
!
AVAILABLE ON TAPE AND REEL.
L934HD BRIGHT RED
L934Gx GREEN
L934Ix HIGH EFFICIENCY RED
L934Yx YELLOW
L934EC HIGH EFFICIENCY RED
L934ED ORANGE
L934Nx PURE ORANGE
L934PGx PURE GREEN
Description
The Bright Red source color devices are made with Gallium
Phosphide Red Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The High Efficiency Red and Orange source color devices are
made with Gallium Arsenide Phosphide on Gallium Phosphide
Orange Light Emitting Diode.
The Yellow source color devices are made with Gallium Arsenide
Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
The Pure Orange source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Pure Orange Light
Emitting Diode.
The Pure Green source color devices are made with Gallium
Phosphide Pure Green Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
T-1 (3mm)SOLID STATE LAMPS
Digitally signed by
YANGSHOUFEN
cn=YANGSHOUFEN,
ou=KINGBRIHGT, o=42, c=US
Date: 2001.11.15 13:29:06
+08'00'
Reason: Document is certified


Similar Part No. - L934NC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9341 STMICROELECTRONICS-L9341 Datasheet
130Kb / 10P
   QUAD LOW SIDE DRIVER
L9341H STMICROELECTRONICS-L9341H Datasheet
130Kb / 10P
   QUAD LOW SIDE DRIVER
L9341V STMICROELECTRONICS-L9341V Datasheet
130Kb / 10P
   QUAD LOW SIDE DRIVER
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
L9346DIE STMICROELECTRONICS-L9346DIE Datasheet
96Kb / 13P
   QUAD INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - L934NC

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K600 QT-HLMP-K600 Datasheet
244Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-16 LITEON-LTL-16 Datasheet
282Kb / 1P
   T-1(3mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L1154ID KINGBRIGHT-L1154ID Datasheet
165Kb / 5P
   T-1(3mm) SOLID STATE LAMPS
L7104GD KINGBRIGHT-L7104GD Datasheet
187Kb / 6P
   T-1 (3mm)SOLID STATE LAMPS
L132XID KINGBRIGHT-L132XID Datasheet
162Kb / 5P
   T-1 3MM SOLID STATE LAMPS
L934SE KINGBRIGHT-L934SE Datasheet
88Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
L-1154G KINGBRIGHT-L-1154G Datasheet
173Kb / 5P
   T-1 (3mm) SOLID STATE LAMPS
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
   T-1 (3mm) Solid State LED Lamps
logo
Visual Communications C...
4303F VCC-4303F Datasheet
73Kb / 1P
   Solid State LED Lamps-Super Brite T-1 (3mm)
logo
Lite-On Technology Corp...
LTL-4203 LITEON-LTL-4203 Datasheet
638Kb / 6P
   T-1 3/4 (3mm) Solid State LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com