Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U2781B Datasheet(PDF) 7 Page - TEMIC Semiconductors

Part # U2781B
Description  Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2781B Datasheet(HTML) 7 Page - TEMIC Semiconductors

Back Button U2781B Datasheet HTML 2Page - TEMIC Semiconductors U2781B Datasheet HTML 3Page - TEMIC Semiconductors U2781B Datasheet HTML 4Page - TEMIC Semiconductors U2781B Datasheet HTML 5Page - TEMIC Semiconductors U2781B Datasheet HTML 6Page - TEMIC Semiconductors U2781B Datasheet HTML 7Page - TEMIC Semiconductors U2781B Datasheet HTML 8Page - TEMIC Semiconductors U2781B Datasheet HTML 9Page - TEMIC Semiconductors U2781B Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
U2781B
TELEFUNKEN Semiconductors
Rev. A3, 26-Nov-97
7 (10)
Typical Input Sensitivity
93 7789 e
RMS
mV
– 65
– 60
– 55
– 50
– 45
– 40
– 35
– 30
+10
+ 5
– 25
– 20
– 15
– 10
– 5
Frequency ( MHz )
dBm
( 50 Ohm)
0
200 400
600 800 1000
0
1600
1400
1200
.1
.2
1
2
5
10
20
50
100
200
500
1000
.5
( 50 Ohm)
Figure 6.
Application Circuit
94 8905
Loop filter
1
1
alternatively to
external TCXO
Tuning
voltage
10n
10n
2 x 10p
LD
VCO
U2781B
1n
10k
10n
Enable
Clock
Data
m
m
VSCP = 3 to 6 V
VS = 3 V
Figure 7.


Similar Part No. - U2781B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U2781A HP-U2781A Datasheet
672Kb / 15P
   Voltage and current programming and readback
logo
Keysight Technologies
U2781A KEYSIGHT-U2781A Datasheet
7Mb / 76P
   USB Modular Products
More results

Similar Description - U2781B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com