Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCN-245R020-B Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FCN-245R020-B
Description  FOR BOARD-TO-CABLE CONNECTION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FCN-245R020-B Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FCN-245R020-B Datasheet HTML 1Page - Fujitsu Component Limited. FCN-245R020-B Datasheet HTML 2Page - Fujitsu Component Limited. FCN-245R020-B Datasheet HTML 3Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
240R Series
3
Dimensions are in millimeters (inches)
www.fcai.fujitsu.com
Specifications
subject to change
© 2005 Fujitsu Components America, Inc. All company and product names are trademarks or registered trademarks
of their respective owners. Rev. 01/17/2005.
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@ft.ed.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: marcom@fcai.fujitsu.com
Web: www.fcai.fujitsu.com
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: www.fceu.fujitsu.com
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#04-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
www.fcal.fujitsu.com
Fujitsu Components
International
Headquarter
Offices


Similar Part No. - FCN-245R020-B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-244F020-G/0 FUJITSU-FCN-244F020-G/0 Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244F030-G/0 FUJITSU-FCN-244F030-G/0 Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244F040-G/0 FUJITSU-FCN-244F040-G/0 Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244F050-G/0 FUJITSU-FCN-244F050-G/0 Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244F060-G/0 FUJITSU-FCN-244F060-G/0 Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
More results

Similar Description - FCN-245R020-B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FCN-214J FUJITSU-FCN-214J Datasheet
98Kb / 2P
   FOR BOARD-TO-BOARD CONNECTION
FCN-215J030 FUJITSU-FCN-215J030 Datasheet
147Kb / 3P
   FOR BOARD-TO-BOARD CONNECTION
FCN-244M FUJITSU-FCN-244M Datasheet
146Kb / 5P
   FOR BOARD-TO-BOARD CONNECTION
logo
Molex Electronics Ltd.
0943285001 MOLEX11-0943285001 Datasheet
76Kb / 2P
   SMT, Micro Spring Contact for Board to Board Connection
logo
Panasonic Semiconductor
AXT7 PANASONIC-AXT7 Datasheet
443Kb / 4P
   NARROW-PITCH FOR BOARD-TO-FPC CONNECTION
AXK5F10347YG PANASONIC-AXK5F10347YG Datasheet
228Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK5 PANASONIC-AXK5 Datasheet
463Kb / 10P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
AXK7L PANASONIC-AXK7L Datasheet
297Kb / 7P
   NARROW-PITCH CONNECTORS FOR BOARD-TO-FPC CONNECTION
logo
Harwin Plc
M40-1100200 HARWIN-M40-1100200 Datasheet
81Kb / 1P
   HOUSING FOR CABLE TO BOARD
logo
Pepperl+Fuchs Inc.
CBL-IDMX61-B-JX-S-S07-N0 PF-CBL-IDMX61-B-JX-S-S07-N0 Datasheet
463Kb / 1P
   Connection cable for base station
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com