Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7392XACFT Datasheet(PDF) 2 Page - Picker Components

Part # PC7392XACFT
Description  Heavy Duty Power Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC7392XACFT Datasheet(HTML) 2 Page - Picker Components

  PC7392XACFT Datasheet HTML 1Page - Picker Components PC7392XACFT Datasheet HTML 2Page - Picker Components PC7392XACFT Datasheet HTML 3Page - Picker Components PC7392XACFT Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PC739
PC739
ORDERING INFORMATION
Example:
PC739
Model
-120
Coil Voltage
-2X
Contact Form
1X (Double Make) or 2X (2 Double Make)
A
Voltage Type A: AC Coil, D: DC Coil
COIL DATA
Coil Voltage
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
_
Case Type
S: Sealed (PC or QC Relay), C: Dust Cover
-B
Insulation Material
Nil: UL Class B; F: UL Class F
F
Contact Material
Nil: AgCdO;
T: AgSnO
T
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Termination Type
Nil: QC Lugs, P: PC Terminals, S: Screw Terminals
S
Contact Gap
Nil: Standard, G: 3mm gap
G
Voltage
Type
DC
AC
Coil
Power
3
6
12
24
48
100
110
220
6
12
24
48
110 / 120
220 / 240
4.7
18.8
75
300
1200
5200
6300
21000
18.8
75
300
1200
5200
20800
1.9 W
1.7 to 2.5 VA
2.25
4.5
9.0
18
36
75
82.5
165
4.8
9.6
19.2
38.4
88
176
0.3
0.6
1.2
2.4
4.8
10.0
11.0
22.0
0.9
1.8
3.6
7.2
18.0
33.0
PAGE 2
B: Plastic Bracket, M: Metal bracket


Similar Part No. - PC7392XACFT

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
   30 Amp Power Relay
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
   30 Amp Power Relay
PC731 PICKER-PC731 Datasheet
189Kb / 2P
   1 Pole To 3 Pole 10 Amp Plug In or Panel
PC7311C-12C PICKER-PC7311C-12C Datasheet
189Kb / 2P
   1 Pole To 3 Pole 10 Amp Plug In or Panel
PC7311C-12C1 PICKER-PC7311C-12C1 Datasheet
189Kb / 2P
   1 Pole To 3 Pole 10 Amp Plug In or Panel
More results

Similar Description - PC7392XACFT

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
33H OENINDIA-33H Datasheet
1Mb / 1P
   HEAVY DUTY POWER RELAY
OEN62 OENINDIA-OEN62 Datasheet
338Kb / 1P
   HEAVY-DUTY POWER RELAY
OEN53H OENINDIA-OEN53H Datasheet
462Kb / 2P
   HEAVY DUTY POWER RELAY
63D-12-1AE OENINDIA-63D-12-1AE Datasheet
77Kb / 1P
   HEAVY DUTY POWER RELAY
logo
Omron Electronics LLC
MGN OMRON-MGN Datasheet
414Kb / 6P
   Heavy Duty Power Relay
logo
OEN India Limited
31H OENINDIA-31H Datasheet
301Kb / 1P
   HEAVY DUTY POWER RELAY
OEN63 OENINDIA-OEN63 Datasheet
326Kb / 1P
   HEAVY DUTY POWER RELAY
35HT-1A-12Z-13 OENINDIA-35HT-1A-12Z-13 Datasheet
133Kb / 2P
   HEAVY DUTY AUTOMOTIVE POWER RELAY
OEN54 OENINDIA-OEN54 Datasheet
488Kb / 2P
   HEAVY DUTY AUTOMOTIVE POWER RELAY
35HA1A-6X OENINDIA-35HA1A-6X Datasheet
101Kb / 2P
   HEAVY DUTY AUTOMOTIVE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com