Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC792H1AC3-12SD Datasheet(PDF) 2 Page - Picker Components

Part # PC792H1AC3-12SD
Description  60/40 Amp Automotive Plug-In / PCB Power Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC792H1AC3-12SD Datasheet(HTML) 2 Page - Picker Components

  PC792H1AC3-12SD Datasheet HTML 1Page - Picker Components PC792H1AC3-12SD Datasheet HTML 2Page - Picker Components PC792H1AC3-12SD Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC792H
PC792H
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
REFERENCE CURVE
Power Load Limit
COIL DATA
Coil Voltage
6
24
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
22
90
330
7.2
14.3
1.2
2.4
20.5
39.1
_
3.6
0.6
10.1
12
(17.9)
.705
(8.4)
.331
(16.9)
.665
(8.0)
.315
87
87A
30
85
86
(17.9)
.705
(8.4)
.331
(16.9)
.665
(8.0)
.315
87
87A
30
85
86
(1.2 X 2.4)
.047 X .094
All Holes
30
87
85
86
Wiring Diagrams
30
87a
87
85
86
(-)
(-)
(+)
(+)
30
87a
87
85
86
(-)
(+)
Form 1AS
Form 1A
Form 1C
Dimensions in Inches (millimeters)
Plug-In Type
Bottom View
PC Board Layout
Tolerances + .010 unless otherwise noted
Notes:
Maximum make current refers to inrush of a lamp load
In 85 degree C ambient reduce maximum coil voltage to 72%
Plug-In Case (C) and PCB Case (P)
(25.0)
.984
(28.0)
1.10
(28.0)
1.10
(6.3)
.250
(11.5)
.453
(0.8)
.031


Similar Part No. - PC792H1AC3-12SD

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792H PICKER-PC792H Datasheet
137Kb / 2P
   60/40 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H_14 Datasheet
137Kb / 2P
   60/40 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
   60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
   60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
More results

Similar Description - PC792H1AC3-12SD

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC792H PICKER-PC792H_14 Datasheet
137Kb / 2P
   60/40 Amp Automotive Plug-In / PCB Power Relay
PC792H PICKER-PC792H_17 Datasheet
1Mb / 2P
   60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC792H PICKER-PC792H_16 Datasheet
644Kb / 2P
   60/40 Amp Automotive Plug-In / PCB Maxi ISO Relay
PC795 PICKER-PC795 Datasheet
251Kb / 3P
   80/60 Amp Automotive Plug-In / PCB Power Relay
PC792C PICKER-PC792C_15 Datasheet
303Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Power Relay
PC795 PICKER-PC795_14 Datasheet
400Kb / 2P
   80/60 Amp Automotive Plug-In / PCB Power Relay
PC792A PICKER-PC792A_14 Datasheet
217Kb / 2P
   40/30 Amp Automotive Plug-In / PCB Power Relay
PC792C PICKER-PC792C Datasheet
260Kb / 2P
   50/40 Amp Automotive Plug-In / PCB Power Relay
PC792A PICKER-PC792A_15 Datasheet
258Kb / 2P
   40/30 Amp Automotive Plug-In / PCB Power Relay
PC786 PICKER-PC786 Datasheet
198Kb / 2P
   60 Amp Automotive Plug-In Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com