Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZ80CPU Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CZ80CPU
Description  8-Bit Microprocessor Megafunction
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CZ80CPU Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CZ80CPU Datasheet HTML 1Page - List of Unclassifed Manufacturers CZ80CPU Datasheet HTML 2Page - List of Unclassifed Manufacturers CZ80CPU Datasheet HTML 3Page - List of Unclassifed Manufacturers CZ80CPU Datasheet HTML 4Page - List of Unclassifed Manufacturers CZ80CPU Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CZ80CPU Megafunction Datasheet
CAST, Inc.
Page 5
Deliverables
VHDL or Verilog HDL source code
Post-synthesis EDIF netlist (netlist license)
Testbench (self-checking)
Vectors for testing the core
Place & route scripts (netlist license)
Simulation script
Synthesis script
Documentation
Verification Methods
The CZ80CPU core’s functionality was verified by means of a proprietary hardware modeler. The same stimulus
was applied to a hardware model that contained the original Zilog Z84C00 chip, and the results compared with
the core’s simulation outputs.
Contact Information
CAST, Inc.
11 Stonewall Court
Woodcliff Lake, New Jersey 07677 USA
Phone: +1 201-391-8300
Fax:
+1 201-391-8694
E-Mail: info@cast-inc.com
URL:
www.cast-inc.com
This megafunction developed by the
processor experts at
Evatronix SA
Copyright © 2004, CAST, Inc. All Rights Reserved. Contents subject to change without notice.


Similar Part No. - CZ80CPU

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
CZ80CPU ACTEL-CZ80CPU Datasheet
122Kb / 2P
   8-bit Microprocessor Core
More results

Similar Description - CZ80CPU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C68000 ETC1-C68000 Datasheet
278Kb / 5P
   16-bit Microprocessor Megafunction
C2901 ETC2-C2901 Datasheet
226Kb / 4P
   4-bit Microprocessor Slice Megafunction
logo
Siemens Semiconductor G...
SAB8085AH SIEMENS-SAB8085AH Datasheet
569Kb / 28P
   8-Bit Microprocessor
logo
Toshiba Semiconductor
TMP8085AP-2 TOSHIBA-TMP8085AP-2 Datasheet
549Kb / 25P
   8-Bit Microprocessor
logo
Intel Corporation
8085A INTEL-8085A Datasheet
542Kb / 11P
   8-Bit Microprocessor
logo
Digital Core Design
DZ80 DCD-DZ80 Datasheet
130Kb / 3P
   8-bit Microprocessor
logo
List of Unclassifed Man...
8080A ETC2-8080A Datasheet
660Kb / 12P
   8-Bit Microprocessor
logo
Intel Corporation
8088 INTEL-8088 Datasheet
378Kb / 30P
   8-BIT HMOS MICROPROCESSOR
M8085AH INTEL-M8085AH Datasheet
1Mb / 8P
   8-BIT HMOS MICROPROCESSOR
logo
NXP Semiconductors
MC146805E2 NXP-MC146805E2 Datasheet
10Mb / 36P
   8-BIT MICROPROCESSOR UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com