Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

315LSW6800M90X141 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 315LSW6800M90X141
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

315LSW6800M90X141 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  315LSW6800M90X141 Datasheet HTML 1Page - RUBYCON CORPORATION 315LSW6800M90X141 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
100000
120000
150000
180000
220000
270000
330000
390000
470000
560000
680000
36×50
3.0
36×63
3.3
36×83
3.6
36×83
3.9
36×83
4.3
36×98
5.1
36×118
5.8
51×83
7.0
51×83
7.6
51×98
7.7
51×118
9.0
64×99
10.1
64×119
11.6
64×139
13.5
77×101
15.8
77×121
17.0
77×141
20.4
77×151
21.5
90×151
22.3
36×50
3.2
36×63
3.5
36×63
3.8
36×83
4.3
36×83
4.7
36×98
5.6
36×118
6.4
51×83
7.5
51×83
7.5
51×98
8.7
51×118
10.3
64×99
11.2
64×119
12.9
64×139
15.2
77×101
16.0
77×121
17.7
77×141
21.5
90×141
22.4
36×50
3.6
36×63
3.9
36×83
4.2
36×83
5.0
36×98
5.5
36×98
5.7
36×118
7.5
51×83
7.5
51×98
9.3
51×98
9.4
51×118
11.7
64×99
12.4
64×119
15.1
77×101
15.5
77×101
16.3
77×121
19.1
77×141
23.4
90×141
23.7
36×50
2.8
36×50
2.5
36×50
3.8
36×63
4.3
36×83
4.7
36×83
5.1
36×98
6.6
36×118
6.7
51×83
7.1
51×83
8.4
51×98
9.9
51×98
10.3
51×118
11.4
64×99
12.5
64×119
15.5
77×101
15.5
77×121
17.9
77×141
20.0
77×151
24.1
90×141
26.5
36×50
4.2
36×50
4.0
36×63
4.6
36×83
5.2
36×83
5.4
36×98
6.5
36×98
7.5
36×118
8.9
51×83
10.0
51×98
10.7
51×98
12.0
51×118
13.1
64×99
13.7
64×119
16.4
77×101
16.7
77×121
20.5
77×141
21.3
36×63
5.0
36×83
5.2
36×83
5.8
36×98
6.8
36×98
6.9
36×118
8.4
51×83
8.4
51×98
11.3
51×98
11.4
51×118
12.5
64×99
14.2
64×119
16.6
77×101
17.5
36×63
5.5
36×50
4.4
36×63
6.0
36×83
6.6
36×83
7.5
36×98
7.6
36×118
9.0
51×83
10.2
51×83
11.0
51×98
13.4
51×118
14.0
64×99
14.5
64×119
16.0
77×101
18.0
77×101
19.5
77×121
24.3
77×121
20.0
77×141
24.1
90×141
26.5
77×141
25.2
77×151
26.7
90×141
29.1
77×151
26.0
90×141
27.2
10V
16V
25V
35V
50V
63V
80V
◆STANDARD SIZE, RATED RIPPLE CURRENT
Cap(μF)
WV
330
270
220
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
36×50
1.0
36×63
1.0
36×63
1.2
36×83
1.4
36×98
1.5
36×98
1.7
51×83
2.3
51×98
2.4
51×118
2.7
51×118
3.0
64×99
3.5
64×119
3.6
77×101
4.1
77×121
4.8
77×141
5.7
90×141
6.7
90×141
7.4
36×50
0.9
36×50
1.0
36×63
1.2
36×83
1.3
36×83
1.5
36×98
1.7
36×98
1.9
36×118
2.1
51×98
2.5
51×98
2.7
51×118
3.3
64×99
3.8
64×119
4.6
77×101
4.6
77×121
5.3
77×141
6.2
90×141
7.4
90×141
8.1
36×50
1.2
36×50
1.0
36×63
1.3
36×83
1.5
36×83
1.6
36×98
1.9
36×118
2.2
51×83
2.3
51×98
2.7
51×98
3.1
51×118
3.6
64×99
4.2
64×119
4.3
77×101
4.9
77×121
5.8
77×141
7.3
77×121
6.3
90×141
8.9
36×50
1.3
36×63
1.6
36×83
1.7
36×83
1.9
36×98
2.3
36×98
2.4
36×118
2.9
36×118
3.0
51×98
3.8
51×118
4.5
64×99
5.2
64×119
5.2
64×119
5.7
77×101
6.4
77×121
7.6
77×141
8.3
90×141
9.9
90×141
10.8
36×50
1.5
36×50
1.4
36×50
1.4
36×83
1.9
36×83
2.2
36×83
2.3
36×98
2.9
36×98
2.9
36×118
3.3
51×83
3.8
51×98
4.7
51×118
5.4
64×99
6.2
64×99
6.3
64×119
7.3
77×101
8.5
77×121
9.5
77×141
10.5
90×141
12.5
36×63
1.9
36×83
2.6
36×83
2.3
36×83
2.6
36×98
3.2
36×118
3.2
36×118
3.7
51×98
4.3
51×98
4.8
51×118
5.5
64×99
6.3
64×119
7.1
77×101
7.9
77×121
9.0
36×50
2.9
36×63
3.4
36×83
3.9
36×83
4.2
36×83
4.6
36×98
4.9
36×118
5.5
51×83
6.2
51×98
6.7
51×98
7.3
51×118
8.6
64×99
8.9
64×119
10.3
64×139
12.1
77×121
14.1
77×141
16.5
77×141
11.3
77×141
18.3
90×141
19.2
90×151
20.1
90×141
13.0
90×141
14.3
90×141
13.3
100V
160V
200V
250V
315V
350V
400V
Cap(μF)
Ripple Current (A r.m.s./120Hz, 105℃)
Please notice the following conditions for use.
(1)Maximum screw terminal tightening torque; 33kgÆcm or less.
(2)Maximum ripple current shall be 50Arms or less because of the rated current of M5 screw terminal.
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSW
Case Size φD×L(mm)


Similar Part No. - 315LSW6800M90X141

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
315LMT COOPER-315LMT Datasheet
49Kb / 2P
   Electrical Characteristics, Total Clearing I2t, Arc Voltage, Power Losses
315LMT COOPER-315LMT Datasheet
40Kb / 2P
   160-450A, 240 Volts
More results

Similar Description - 315LSW6800M90X141

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC RUBYCON-HXC Datasheet
66Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com