Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100MMB155JTC Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 100MMB155JTC
Description  METALLIZED POLYESTER FILM CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

100MMB155JTC Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  100MMB155JTC Datasheet HTML 1Page - RUBYCON CORPORATION 100MMB155JTC Datasheet HTML 2Page - RUBYCON CORPORATION 100MMB155JTC Datasheet HTML 3Page - RUBYCON CORPORATION 100MMB155JTC Datasheet HTML 4Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TC
TX, TH TL, TJ
TN
TS
TC
TX, TH TL, TJ
TN
TS
◆RATED VOLTAGE:100VDC
◆DIMENTIONS AND QUANTITY
: Tolerance(J:±5%,K:±10%)  **:Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
100MMB224 **
100MMB274 **
100MMB334 **
100MMB394 **
100MMB474 **
100MMB564 **
100MMB684 **
100MMB824 **
100MMB105 **
100MMB125 **
100MMB155 **
100MMB185 **
100MMB225 **
100MMB275 **
100MMB335 **
100MMB395 **
100MMB475 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
AB, D
C
E
10.0
10.0
10.0
10.0
10.0
12.5
12.5
12.5
12.5
18.0
18.0
18.0
18.0
18.0
18.0
25.5
25.5
4.6
4.8
4.8
5.2
5.6
5.6
6.4
6.0
6.6
6.5
7.5
8.0
8.5
9.5
10.0
8.0
9.0
8.8
10.2
11.7
12.1
12.6
11.4
11.9
14.0
14.6
14.5
15.0
15.5
16.5
17.5
18.0
16.5
17.5
7.5
7.5
7.5
7.5
7.5
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
22.5
22.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
200
200
200
200
200
200
200
200
100
100
100
100
100
200
200
200
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
4,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
1,500
1,500
1,500
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
400
400
400
400
400
400
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
Long Lead type
Taping Ammo pack type - style
◆RATED VOLTAGE:250VDC
: Tolerance(J:±5%,K:±10%)  **:Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
250MMB103 **
250MMB123 **
250MMB153 **
250MMB183 **
250MMB223 **
250MMB273 **
250MMB333 **
250MMB393 **
250MMB473 **
250MMB563 **
250MMB683 **
250MMB823 **
250MMB104 **
250MMB124 **
250MMB154 **
250MMB184 **
250MMB224 **
250MMB274 **
250MMB334 **
250MMB394 **
250MMB474 **
250MMB564 **
250MMB684 **
250MMB824 **
250MMB105 **
250MMB125 **
250MMB155 **
250MMB185 **
250MMB225 **
250MMB275 **
250MMB335 **
250MMB395 **
250MMB475 **
250MMB565 **
250MMB685 **
250MMB825 **
250MMB106 **
cap(μF)
AB
C
F±1.0 LS±0.5
d
Bag
Carton
AB, D
C
E
10.3
10.3
10.3
10.3
10.3
10.3
10.3
10.3
10.3
10.3
10.3
10.3
10.3
10.3
10.3
12.8
12.8
12.8
12.8
18.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
25.5
25.5
25.5
25.5
25.5
25.5
31.0
31.0
31.0
31.0
4.5
4.5
4.5
4.5
4.5
4.5
5.0
4.5
4.5
4.8
5.0
5.5
6.0
6.0
6.0
5.0
5.5
6.5
6.5
5.0
5.5
5.5
6.0
6.5
7.0
7.4
8.3
7.0
7.8
9.0
10.0
11.0
12.3
11.0
12.5
14.0
15.7
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.5
8.5
8.8
9.0
9.5
10.0
10.0
11.5
11.0
11.5
12.0
13.0
11.0
11.5
13.0
13.5
14.0
14.5
16.5
17.0
16.2
17.0
18.0
19.0
20.0
21.3
22.0
23.3
24.5
26.3
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
22.5
22.5
22.5
22.5
27.5
27.5
27.5
27.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
22.5
22.5
22.5
22.5
22.5
22.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
100
100
100
100
100
200
200
200
200
200
200
100
100
100
100
50
50
6,000
6,000
6,000
6,000
6,000
6,000
6,000
6,000
6,000
6,000
6,000
6,000
6,000
6,000
5,000
5,000
5,000
4,000
3,000
3,000
3,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
1,000
800
800
500
500
500
400
400
300
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,000
1,000
1,000
1,000
1,000
1,000
1,000
500
500
500
500
500
500
500
500
500
500
400
400
500
500
500
500
400
400
400
300
S
1,500
1,500
1,500
1,000
1,000
500
500
500
500
S
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,500
1,000
1,000
1,000
500
500
500
500
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
Long Lead type
Taping Ammo pack type - style
METALLIZED POLYESTER FILM CAPACITORS
MMB


Similar Part No. - 100MMB155JTC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
100MMW156JHPE7 RUBYCON-100MMW156JHPE7 Datasheet
95Kb / 3P
   METALLIZED POLYESTER FILM CAPACITORS
100MMW156JHPH7 RUBYCON-100MMW156JHPH7 Datasheet
95Kb / 3P
   METALLIZED POLYESTER FILM CAPACITORS
100MMW156JHPY7 RUBYCON-100MMW156JHPY7 Datasheet
95Kb / 3P
   METALLIZED POLYESTER FILM CAPACITORS
100MMW156KHPE7 RUBYCON-100MMW156KHPE7 Datasheet
95Kb / 3P
   METALLIZED POLYESTER FILM CAPACITORS
100MMW156KHPH7 RUBYCON-100MMW156KHPH7 Datasheet
95Kb / 3P
   METALLIZED POLYESTER FILM CAPACITORS
More results

Similar Description - 100MMB155JTC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com