Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

250MMCA123MUV Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 250MMCA123MUV
Description  METALLIZED POLYESTER FILM CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

250MMCA123MUV Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  250MMCA123MUV Datasheet HTML 1Page - RUBYCON CORPORATION 250MMCA123MUV Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
♦OUTLINE(mm)
♦SPECIFICATIONS
-40
°C~+85°C
±10%(K), ±20%(M)
0.01max at 1kHz
1500VAC, 1075VDC 60s
UL
CSA
VDE
SEMKO
DEMKO
NEMKO
SETI
SEV
File No. E68624
File No. LR54220
File No. 13491-4670-8003
Ref. No. 01.0062
Ref. No. 954711201
Ref. No. 305035
Ref. No. P96100128
Reg. No. 187965
UL1414
CSA C22.2 No.0, No.1
IEC 60384-14, 2nd Ed.
Table II, Safety tests incl.
Amendment 1.
(=EN 132400)
250VAC
Rated voltage (UR)
Category temperature
Voltage proof
Approved
15000M
Ω min
Insulation resistance
Capacitance tolerance
tan
δ
Blank
A7
Symbol
250
UR
250VAC
Symbol
K
M
Tolerance
±10%
±20%
Symbol
Blank
A7
Lead style
Long lead type
Lead cut
METALLIZED POLYESTER FILM CAPACITORS
MMCA-UV
SERIES
MMCA-UV
♦FEATURES
Approved by UL, CSA, VDE, SEMKO, DEMKO, NEMKO, SETI, SEV.
For across-the-line (European safty regulation class X2).
Outer cover is flame-retardant (UL94 V-0) plastic case.
♦PART NUMBER
Rated Voltage
MMCA
Series
250
UV
Sub mark
Suffix
Rated capacitance
Tolerance


Similar Part No. - 250MMCA123MUV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
250MMB103JE7TC RUBYCON-250MMB103JE7TC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
250MMB103JTC RUBYCON-250MMB103JTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
250MMB103KTC RUBYCON-250MMB103KTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
250MMB106JTC RUBYCON-250MMB106JTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
250MMB106KTC RUBYCON-250MMB106KTC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
More results

Similar Description - 250MMCA123MUV

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com