Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

350LSQ3900M64X119 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 350LSQ3900M64X119
Description  LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

350LSQ3900M64X119 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  350LSQ3900M64X119 Datasheet HTML 1Page - RUBYCON CORPORATION 350LSQ3900M64X119 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WV
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
100000
120000
150000
180000
220000
270000
330000
390000
470000
560000
680000
36×50
2.5
36×50
2.6
36×50
2.8
36×63
2.9
36×83
3.7
36×83
4.2
36×98
5.0
36×118
5.4
51×83
7.7
51×83
7.8
51×83
8.0
51×98
8.7
51×118
10.5
64×99
12.1
64×99
14.4
64×119
15.0
64×139
16.8
77×121
19.4
77×141
21.5
90×141
22.3
36×50
3.0
36×50
3.2
36×63
3.8
36×83
4.1
36×83
4.4
36×98
5.5
36×118
6.2
51×83
7.1
51×83
7.4
51×98
8.8
51×118
10.0
64×99
11.9
64×99
12.6
64×119
15.0
77×101
16.4
77×121
18.9
77×141
21.6
90×141
26.0
36×50
3.7
36×50
3.3
36×50
4.3
36×63
5.3
36×83
5.5
36×83
5.7
36×98
6.1
36×118
6.7
51×83
7.1
51×83
7.4
51×98
8.7
51×98
9.8
51×118
12.0
64×99
12.3
64×119
14.2
64×119
16.0
77×121
18.6
77×141
19.5
90×141
23.3
90×141
24.8
36×50
3.7
36×50
3.6
36×50
4.0
36×63
4.7
36×83
5.6
36×83
6.2
36×83
6.3
36×98
7.6
36×118
8.7
51×83
10.0
51×83
10.8
51×98
12.0
51×118
13.6
64×99
13.8
64×99
14.6
64×119
16.7
77×101
17.4
77×141
23.1
77×151
25.9
90×141
26.5
90×151
28.3
36×50
5.0
36×50
5.1
36×63
5.4
36×83
5.8
36×83
6.0
36×83
6.7
36×98
8.0
36×118
8.4
51×83
9.3
51×83
10.0
51×98
12.0
51×118
12.9
64×99
15.3
64×99
15.5
64×119
18.0
77×101
18.8
77×121
23.2
77×141
23.5
36×63
5.5
36×83
7.0
36×83
7.3
36×98
7.6
36×98
10.3
36×118
10.5
51×83
10.9
51×98
11.1
51×98
12.6
51×118
13.2
64×99
14.7
64×119
15.4
64×139
18.3
77×121
19.0
36×50
5.3
36×63
6.0
36×83
6.3
36×83
7.9
36×83
8.4
36×118
9.3
51×83
10.0
51×83
11.0
51×98
12.1
51×98
14.0
51×118
14.2
64×99
17.3
64×119
18.0
64×139
19.3
77×121
20.1
77×141
22.0
77×141
24.0
77×151
23.0
90×141
24.7
90×141
26.2
10V
16V
25V
35V
50V
63V
80V
◆STANDARD SIZE, RATED RIPPLE CURRENT
Cap(μF)
WV
330
270
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
27000
33000
39000
47000
56000
68000
82000
100000
36×50
1.6
36×63
1.8
36×83
2.2
36×83
2.4
36×98
2.8
36×118
3.1
51×83
3.6
51×83
4.0
51×98
4.8
51×118
5.7
64×99
6.5
64×99
7.2
64×119
8.7
77×121
10.5
77×121
12.0
77×141
13.3
90×141
15.8
90×151
18.7
36×50
1.3
36×50
1.7
36×63
1.8
36×83
2.3
36×83
2.7
36×98
2.9
36×98
3.4
36×118
3.9
51×83
4.2
51×98
4.8
51×98
5.7
51×118
7.0
64×99
7.9
64×119
9.5
77×101
10.7
77×121
12.8
77×141
14.5
77×151
17.5
90×141
18.0
90×151
20.5
36×50
1.9
36×63
2.1
36×83
2.4
36×83
2.9
36×98
3.4
36×98
3.8
36×118
4.2
51×83
4.7
51×98
6.3
51×98
6.4
64×99
8.8
64×99
8.8
64×119
10.3
77×101
12.0
77×121
12.7
90×141
19.0
77×141
16.0
90×141
20.0
36×50
1.6
36×50
1.6
36×50
1.7
36×63
1.8
36×83
2.4
36×83
2.4
36×98
3.1
36×118
3.4
51×83
3.9
51×83
4.0
51×98
5.4
51×118
6.0
64×99
7.3
64×99
7.3
64×119
8.9
77×101
8.9
77×121
11.8
77×141
13.1
90×141
16.5
36×50
1.7
36×50
1.6
36×50
2.3
36×63
2.2
36×63
2.3
36×83
2.9
36×83
2.9
36×98
3.6
36×118
4.0
51×83
4.6
51×83
4.7
51×98
7.1
51×118
8.3
64×99
9.5
64×99
10.0
64×119
11.1
77×101
11.6
77×121
12.9
77×141
15.2
36×63
3.2
36×83
3.4
36×83
3.6
36×98
3.8
36×118
4.7
51×83
5.3
51×83
5.6
51×98
6.4
51×98
7.5
51×118
8.1
64×99
9.9
64×119
10.8
77×101
12.7
77×121
14.1
36×50
3.2
36×50
2.7
36×50
2.5
36×63
3.3
36×83
3.5
36×83
3.8
36×98
4.5
36×118
6.0
36×118
6.3
51×83
6.6
51×83
8.5
51×98
8.9
51×118
10.2
64×99
11.0
64×119
11.7
77×101
12.5
77×121
14.5
77×141
16.2
77×141
16.6
77×151
18.3
90×141
20.1
90×141
21.0
90×141
17.7
90×141
18.9
90×141
15.6
100V
160V
200V
250V
350V
400V
450V
Cap(μF)
Ripple Current (A r.m.s./120Hz, 85℃)
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSQ
Case Size φD×L(mm)
Please notice the following conditions for use.
(1)Maximum screw terminal tightening torque; 33kgÆcm or less.
(2)Maximum ripple current shall be 50Arms or less because of the rated current of M5 screw terminal.


Similar Part No. - 350LSQ3900M64X119

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
350LSW220M36X50 RUBYCON-350LSW220M36X50 Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350LSW270M36X50 RUBYCON-350LSW270M36X50 Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350LSW330M36X63 RUBYCON-350LSW330M36X63 Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350LSW390M36X83 RUBYCON-350LSW390M36X83 Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
350LSW470M36X83 RUBYCON-350LSW470M36X83 Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 350LSQ3900M64X119

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
VXR RUBYCON-VXR Datasheet
56Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXC RUBYCON-MXC Datasheet
79Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
LSU RUBYCON-LSU Datasheet
175Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
MXH RUBYCON-MXH Datasheet
210Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USR RUBYCON-USR Datasheet
1Mb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH Datasheet
205Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
AXF_SERIES RUBYCON-AXF_SERIES Datasheet
91Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
HXC RUBYCON-HXC Datasheet
66Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
SXC RUBYCON-SXC Datasheet
55Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
USC RUBYCON-USC Datasheet
71Kb / 4P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com