Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHNA57Z60 Datasheet(PDF) 2 Page - International Rectifier

Part # IRHNA57Z60
Description  RADIATION HARDENED POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHNA57Z60 Datasheet(HTML) 2 Page - International Rectifier

  IRHNA57Z60 Datasheet HTML 1Page - International Rectifier IRHNA57Z60 Datasheet HTML 2Page - International Rectifier IRHNA57Z60 Datasheet HTML 3Page - International Rectifier IRHNA57Z60 Datasheet HTML 4Page - International Rectifier IRHNA57Z60 Datasheet HTML 5Page - International Rectifier IRHNA57Z60 Datasheet HTML 6Page - International Rectifier IRHNA57Z60 Datasheet HTML 7Page - International Rectifier IRHNA57Z60 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRHNA57Z60, JANSR2N7467U2
Pre-Irradiation
2
www.irf.com
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
30
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.026
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.0035
VGS = 12V, ID = 75A
Resistance
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
45
S ( )VDS ≥ 15V, IDS = 45A Ã
IDSS
Zero Gate Voltage Drain Current
10
VDS= 24V ,VGS=0V
——
25
VDS = 24V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
200
VGS =12V, ID = 45A
Qgs
Gate-to-Source Charge
55
nC
VDS = 15V
Qgd
Gate-to-Drain (‘Miller’) Charge
40
td(on)
Turn-On Delay Time
35
VDD = 15V, ID = 45A,
tr
Rise Time
125
VGS =12V, RG = 2.35Ω
td(off)
Turn-Off Delay Time
80
tf
Fall Time
50
LS + LD
Total Inductance
4.0
Ciss
Input Capacitance
9110
VGS = 0V, VDS = 25V
Coss
Output Capacitance
4620
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
150
nA
Ã
nH
ns
µA
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
0.5
RthJ-PCB
Junction-to-PC board
1.6
soldered to a 2” square copper-clad board
°C/W
Measured from the center of
drain pad to center of source pad
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ
Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
75*
ISM
Pulse Source Current (Body Diode)
À
300
VSD
Diode Forward Voltage
1.3
V
Tj = 25°C, IS = 75A, VGS = 0V Ã
trr
Reverse Recovery Time
165
ns
Tj = 25°C, IF = 45A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
690
nC
VDD ≤ 25V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Note: Corresponding Spice and Saber models are available on International Rectifier Web site.
For footnotes refer to the last page
* Current is limited by package


Similar Part No. - IRHNA57Z60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHNA57Z60 IRF-IRHNA57Z60 Datasheet
198Kb / 8P
   Simple Drive Requirements
IRHNA57Z60 IRF-IRHNA57Z60_15 Datasheet
198Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHNA57Z60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM57064 IRF-IRHM57064 Datasheet
173Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM7250SE IRF-IRHM7250SE Datasheet
140Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHMS57260SE IRF-IRHMS57260SE Datasheet
184Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHF9230 IRF-IRHF9230 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRH7130 IRF-IRH7130 Datasheet
464Kb / 12P
   RADIATION HARDENED POWER MOSFET
IRHY57130CM IRF-IRHY57130CM Datasheet
130Kb / 8P
   RADIATION HARDENED POWER MOSFET
IRHM7130 IRF-IRHM7130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHLF77214 IRF-IRHLF77214 Datasheet
220Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
JANSF2N7422U IRF-JANSF2N7422U Datasheet
132Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT
JANSF2N7262 IRF-JANSF2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com