Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3DBV10 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3DBV10
Description  3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBV10 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3DBV10 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3DBV10 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBV10 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBV10 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBV10 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBV10 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
PI3DBV10
3.3V, Wide Bandwidth, 1-Channel, 2:1
Mux/DeMux Video Switch
PS8707
07/07/04
Test Circuit for Electrical Characteristics(1)
Notes:
1. CL = Load capacitance: includes jig and probe capacitance.
2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator
3. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
4. All input impulses are supplied by generators having the following characteristics: PRR ≤ MHz, ZO = 50, tR ≤ 2.5ns, tF ≤ 2.5ns.
5. The outputs are measured one at a time with on transition per measurement.
Test Circuit for Dynamic Electrical Characteristics
Switch Positions
Test
Switch
tPLZ, tPZL (output on I-side)
6.0V
tPHZ, tPZH (output on I-side)
GND
Prop Delay
Open
RT
10pF
CL
VCC
VIN
VOUT
200Ω
200Ω
6.0V
Pulse
Generator
D.U.T
VCC
PI3DBV10
T1
R1
S1
HP11667A
50Ω
10pF
HP4195A


Similar Part No. - PI3DBV10

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV20L PERICOM-PI3DBV20L Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV20LE PERICOM-PI3DBV20LE Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3DBV40A PERICOM-PI3DBV40A Datasheet
424Kb / 8P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
More results

Similar Description - PI3DBV10

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB20 PERICOM-PI3USB20 Datasheet
343Kb / 6P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ SiNGLE ENABLE
PI3USB20LEX PERICOM-PI3USB20LEX Datasheet
380Kb / 6P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
logo
Pericom Semiconductor C...
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
   3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
PO3B40A POTATO-PO3B40A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com