Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC5582C-12G Datasheet(PDF) 1 Page - Picker Components

Part # PC5582C-12G
Description  Subminiature Automotive PCB Twin Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC5582C-12G Datasheet(HTML) 1 Page - Picker Components

  PC5582C-12G Datasheet HTML 1Page - Picker Components PC5582C-12G Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature Automotive PCB Twin Power Relay
FEATURES
Subminiature design
2 X 1 C (Twin SPDT) contact form
Larger contact gap available for heavy motor loads
Contact switching capacity up to 60 Amps
85 degrees C operating temperature
Two independent relays in one package
PC558
Max. Switching Voltage
16 VDC
2 Form C
CONTACT RATINGS
CHARACTERISTICS
Operate Time
10 ms. typical
Release Time
Insulation Resistance
5 ms. typical
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
500 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5 mm, 10 - 55 Hz
Power Consumption
Standard: 0.6 W; Large Gap: 0.8 W
Ambient Temperature Range
-30 to 85 degrees C operating, -40 to 100 storage
Weight
13 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC558 Rev B 4-13-04
PAGE 1
Sealed, immersion cleanable
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnOInO (Silver Tin Oxide Indium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 10 5
Operations
Operations
DPDT
Contact Form
Max Switching Current
Break 20 Amps
Make 60 Amps
35 A for 10 Min; 25 A for 1 hr.
AgNiO 15 (Silver Nickel Oxide 15%)
Max. Continuous Current
Minimum Load
0.1 A @ 12 VDC
Drop Resistance
1 Meter height drop on concrete
ORDERING INFORMATION
Example:
PC558
Model
-12
Coil Voltage
Insulation System
-2C
Nil: Class B (125 degrees C); F: Class F (155 degrees C)
Contact Form
F
Nil: Standard; G: Large Gap
Contact Gap
-G
2C


Similar Part No. - PC5582C-12G

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PC502-O P-TEC-PC502-O Datasheet
234Kb / 2P
   PRODUCT SPECIFICATION
logo
NIKO SEMICONDUCTOR CO.,...
PC506BA NIKOSEM-PC506BA Datasheet
246Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
TDK Electronics
PC50EPC10-Z TDK-PC50EPC10-Z Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
PC50EPC10AXXX TDK-PC50EPC10AXXX Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
PC50EPC13-Z TDK-PC50EPC13-Z Datasheet
290Kb / 2P
   Ferrite Cores For Power Supply and Signal Transformer EPC Cores
More results

Similar Description - PC5582C-12G

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC621 PICKER-PC621 Datasheet
171Kb / 2P
   Subminiature Automotive PCB Twin Power Relay
logo
DB Lectro Inc
HG4519 DBLECTRO-HG4519 Datasheet
51Kb / 2P
   Automotive Subminiature PCB Twin Relay
HG4508 DBLECTRO-HG4508 Datasheet
53Kb / 2P
   Automotive Subminiature PCB Twin Relay
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Picker Components
PC617 PICKER-PC617_17 Datasheet
1Mb / 2P
   Automotive Twin PCB Power Relay
PC617 PICKER-PC617 Datasheet
235Kb / 2P
   Automotive Twin PCB Power Relay
PC617 PICKER-PC617_14 Datasheet
315Kb / 2P
   Automotive Twin PCB Power Relay
PC517 PICKER-PC517 Datasheet
196Kb / 2P
   Automotive Subminiature PCB Power Relay
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
   Automotive Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com