Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16MS522M5X5 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 16MS522M5X5
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

16MS522M5X5 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  16MS522M5X5 Datasheet HTML 1Page - RUBYCON CORPORATION 16MS522M5X5 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆DIMENSIONS
(mm)
φD
φd
F
3
3.5
0.4
0.45
1.0
4
1.5
5
2.0
6.3
2.5
8
◆STANDARD SIZE, RATED RIPPLE CURRENT
Size φD×L(mm), Ripple Current (mA r.m.s./85℃, 120Hz)
4
(0G)
Size
Ripple
6.3
(0J)
Size
Ripple
10
(1A)
Size
Ripple
16
(1C)
Size
Ripple
4.7
6.8
10
15
22
33
47
68
100
220
470
4×5
11
4×5
10
4×5
16
4×5
22
* 4×5
13
4×5
14
* 4×5
18
* 4×5
18
5×5
26
5×5
35
6.3×5
51
6.3×5
65
6.3×5
70
8×5
92
5×5
30
5×5
45
6.3×5
50
6.3×5
59
6.3×5
80
8×5
145
4×5
22
5×5
34
5×5
37
6.3×5
55
4×5
20
* 4×5
27
4×5
37
5×5
45
5×5
62
6.3×5
74
6.3×5
62
8×5
120
8×5
181
330
8×5
145
8×5
145
25
(1E)
Size
Ripple
35
(1V)
Size
Ripple
50
(1H)
Size
Ripple
0.1
0.15
0.22
0.33
0.47
0.68
1
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
4×5
4×5
4×5
4×5
4×5
4×5
4×5
4×5
1
1.5
2.5
4
6
7
8.6
8.7
* 4×5
9.1
4×5
13
5×5
20
6.3×5
26
4×5
9
* 4×5
12
4×5
14
5×5
20
6.3×5
35
6.3×5
31
6.3×5
39
8×5
60
8×5
80
8×5
65
5×5
27
6.3×5
46
4×5
11
* 4×5
13
4×5
19
5×5
27
6.3×5
46
5×5
33
6.3×5
54
6.3×5
65
8×5
85
8×5
90
8×5
120
3mm DIA. is available for marked , and 3.5mm DIA. is available for marked
when specified.
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
MS5
WV(V.DC)
Cap(μF)
WV(V.DC)
Cap(μF)
L+1.5MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE


Similar Part No. - 16MS522M5X5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
16MS54.7MEFC4X5 RUBYCON-16MS54.7MEFC4X5 Datasheet
185Kb / 2P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 16MS522M5X5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com