Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12010W Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12010W
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010W Datasheet(HTML) 4 Page - Texas Instruments

  PTH12010W Datasheet HTML 1Page - Texas Instruments PTH12010W Datasheet HTML 2Page - Texas Instruments PTH12010W Datasheet HTML 3Page - Texas Instruments PTH12010W Datasheet HTML 4Page - Texas Instruments PTH12010W Datasheet HTML 5Page - Texas Instruments PTH12010W Datasheet HTML 6Page - Texas Instruments PTH12010W Datasheet HTML 7Page - Texas Instruments PTH12010W Datasheet HTML 8Page - Texas Instruments PTH12010W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
ELECTRICAL CHARACTERISTICS (continued)
TA =25°C, Vi =12V,VO = 3.3 V, Ci = 560 µF, CO =0 µF, and IO =IO max (Unless otherwise stated)
PTH12010W
CHARACTERISTICS
CONDITIONS
MIN
TYP
MAX
UNIT
nonceramic
0(8)
330(9) 6,600(10)
Capacitance value
µF
CO
External output capacitance
ceramic
0
300
Equivalent series resistance (nonceramic)
4(11)
mΩ
Per Bellcore TR-332
MTBF
Reliability
6.4
106 Hr
50% stress, Ta =40 °C, ground benign
(8) When operating at an output voltage ≥ 3.3 V, 47-µF of external output capacitance is required for proper operation.
(9) An external output capacitor is not required for basic operation. Adding 330 µF of distributed capacitance at the load improves the
transient response.
(10) This is the calculated maximum. The minimum ESR limitation often results in a lower value. When controlling the Track pin using a
voltage supervisor, CO(max) is reduced to 3300 µF. See the application notes for further guidance.
(11) This is the typical ESR for all the electrolytic (nonceramic) ouput capacitance. Use 7 mΩ as the minimum when using max-ESR values
to calculate.
TA =25°C, Vi =12V,VO = 1.8 V, Ci = 560 µF, CO =0 µF, and IO =IOmax (Unless otherwise stated)
PTH12010L
CHARACTERISTICS
CONDITIONS
MIN
TYP
MAX
UNIT
60 °C, 200 LFM airflow
0
-
12(12)
Io
Output current
0.8 V ≤ VO≤ 1.8 V
A
25 °C, natural convection
0
12(1)
VI
Input voltage range
Over IO range
10.8
13.2
V
Vo tol
Set-point voltage tolerance
±2(13)
%Vo
∆Regtemp Temperature variation
–40 °C <TA <85 °C
±0.5
%Vo
∆Regline
Line regulation
Over Vi range
±10
mV
∆Regload
Load regulation
Over IO range
±12
mV
∆Regtot
Total output variation
Includes set-point, line, load,
±3(2)
%Vo
–40°C ≤ TA≤ 85 °C
Vadj
Output voltage adjust range
Over Vi range
0.8
1.8
V
RSET = 130 Ω,Vo =1.8 V
89
RSET =3.57kΩ,Vo =1.5
88
V
η
Efficiency
IO=8A
RSET = 12.1 kΩ,Vo =1.2
86
%
V
RSET = 32.4 kΩ,Vo =1V
84
RSET = OPEN, Vo =0.8 V
82
Vo≤ 1 V
25
mVpp
Vr
VO ripple (peak-to-peak)
20 MHz bandwidth
Vo≤ 1V
1
%VO
Io trip
Overcurrent threshold
Reset, followed by auto-recovery
20
A
1 A/µs load step, 50 to 100 % Iomax, CO = 330
µF
Transient response
ttr
Recovery Time
70
µSec
∆Vtr
VO over/undershoot
100
mV
VO adj
Margin up/down adjust
±5%
IIL margin Margin input current (pins 9 /10) Pin to GND
–8(14)
µA
(12) See SOA curves or consult factory for appropriate derating.
(13) The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1%, with 100 ppm/°C (or better) temperature stability.
(14) A small, low-leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit voltage is less than 1 Vdc.
4
Submit Documentation Feedback


Similar Part No. - PTH12010W

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTH12010W ARTESYN-PTH12010W Datasheet
1Mb / 6P
   Embedded Power for Business-Critical Continuity
PTH12010WAD ARTESYN-PTH12010WAD Datasheet
219Kb / 5P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH12010WAD EMERSON-NETWORKPOWER-PTH12010WAD Datasheet
1Mb / 6P
   DC-DC CONVERTERS
logo
Artesyn Technologies
PTH12010WADT ARTESYN-PTH12010WADT Datasheet
219Kb / 5P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH12010WADT EMERSON-NETWORKPOWER-PTH12010WADT Datasheet
1Mb / 6P
   DC-DC CONVERTERS
More results

Similar Description - PTH12010W

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
   10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
   26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000L TI1-PTH12000L Datasheet
572Kb / 19P
[Old version datasheet]   6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
[Old version datasheet]   18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
[Old version datasheet]   6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
[Old version datasheet]   10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
   18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com