Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC5492A-12CS Datasheet(PDF) 1 Page - Picker Components

Part # PC5492A-12CS
Description  Ultraminiature Automotive PCB Twin Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC5492A-12CS Datasheet(HTML) 1 Page - Picker Components

  PC5492A-12CS Datasheet HTML 1Page - Picker Components PC5492A-12CS Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultraminiature Automotive PCB Twin Power Relay
FEATURES
Ultraminiature twin relay design very light weight
2 A (DPST NO) and 2 C (DPDT) contact forms available
Sealed, immersion cleanable
Contact switching capacity up to 100 Amps
105 degrees C operating temperature
PC549
Max. Switching Voltage
16 VDC
2 Form A or 2 Form C
CONTACT RATINGS
CHARACTERISTICS
Operate Time
3 ms. typical
Release Time
Insulation Resistance
1.5 ms. typical
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
500 Vrms, 1 min. between coil and contacts
Shock Resistance
30 g, 6 ms, functional; 100 g, destructive
Vibration Resistance
6g, 10 - 500 Hz
Power Consumption
0.55 W
Ambient Temperature Range
-40 to 105 degrees C operating, -40 to 100 storage
Weight
8 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC549 Rev D 1-12-2005
PAGE 1
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnOInO (Silver Tin Oxide Indium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 10 5
Operations
Operations
DPST NO or DPDT
Contact Form
Max Switching Current
Break 30 Amps
Make 100 Amps
NO/30 Amps, NC/25 Amps
AgNiO 15 (Silver Nickel Oxide 15%)
Max. Continuous Current
Minimum Load
0.5 Amps @ 12 VDC
Drop Resistance
1 Meter height drop on concrete
Coils can be used together or independently
ORDERING INFORMATION
Example:
PC549
Model
-2C
2A or 2C
Contact Material
-12
Nil: AgNiO 15; C: AgCdO; T: AgSnOInO
Contact Form
C
Coil Voltage
Mounting Style
Nil: Through Hole, S: SMT
S


Similar Part No. - PC5492A-12CS

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC549 PICKER-PC549_14 Datasheet
126Kb / 2P
   Ultraminiat ure Au tomotive PCB Twin Power Relay
PC549 PICKER-PC549_17 Datasheet
733Kb / 3P
   Ultraminiature Automotive PCB Twin Power Relay
More results

Similar Description - PC5492A-12CS

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC615 PICKER-PC615 Datasheet
178Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC619 PICKER-PC619 Datasheet
190Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC567 PICKER-PC567 Datasheet
156Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC549 PICKER-PC549_17 Datasheet
733Kb / 3P
   Ultraminiature Automotive PCB Twin Power Relay
PC566 PICKER-PC566 Datasheet
136Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC567 PICKER-PC567_17 Datasheet
328Kb / 2P
   Ultraminiature Automotive PCB Twin Relay
PC565 PICKER-PC565 Datasheet
131Kb / 2P
   Ultraminiature Automotive PCB Power Relay
logo
DB Lectro Inc
HG4520 DBLECTRO-HG4520 Datasheet
41Kb / 2P
   Automotive Ultraminiature PCB Power Relay
logo
Picker Components
PC565 PICKER-PC565_17 Datasheet
349Kb / 2P
   Ultraminiature Automotive PCB Power Relay
PC537 PICKER-PC537 Datasheet
179Kb / 2P
   Ultraminiature Automotive PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com