Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6935 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYWUSB6935
Description  WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6935 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYWUSB6935 Datasheet HTML 1Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 2Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 3Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 4Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
WirelessUSB LR™ 2.4-GHz DSSS Radio SoC
CYWUSB6935
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-16008 Rev. *C
Revised March 17, 2005
1.0
Features
• 2.4-GHz radio transceiver
• Operates in the unlicensed Industrial, Scientific, and
Medical (ISM) band (2.4 GHz–2.483 GHz)
• –95-dBm receive sensitivity
• Up to 0dBm output power
• Range of up to 50 meters or more
• Data throughput of up to 62.5 kbits/sec
• Highly integrated low cost, minimal number of external
components required
• Dual DSSS reconfigurable baseband correlators
• SPI microcontroller interface (up to 2-MHz data rate)
• 13-MHz input clock operation
• Low standby current < 1 µA
• Integrated 30-bit Manufacturing ID
• Operating voltage from 2.7V to 3.6V
• Operating temperature from –40° to 85°C
• Offered in a small footprint 48 QFN
2.0
Functional Description
The CYWUSB6935 transceiver is a single-chip 2.4-GHz Direct
Sequence Spread Spectrum (DSSS) Gaussian Frequency
Shift Keying (GFSK) baseband modem radio that connects
directly to a microcontroller via a simple serial peripheral
interface.
The CYWUSB6935 is offered in an industrial temperature
range 48-pin QFN and a commercial temperature range 48-
pin QFN.
3.0
Applications
• Building/Home Automation
— Climate Control
— Lighting Control
— Smart Appliances
— On-Site Paging Systems
— Alarm and Security
• Industrial Control
— Inventory Management
— Factory Automation
— Data Acquisition
• Automatic Meter Reading (AMR)
• Transportation
— Diagnostics
— Remote Keyless Entry
• Consumer / PC
— Locator Alarms
— Presenter Tools
— Remote Controls
— Toys
Figure 3-1. CYWUSB6935 Simplified Block Diagram
Digital
Synthesizer
GFSK
Demodulator
GFSK
Modulator
IRQ
SS
SCK
MISO
MOSI
RESET
PD
DIO
DIOVA L
RFOUT
RFIN
SERDES
B
SERDES
A
DSSS
Baseband
A
DSSS
Baseband
B


Similar Part No. - CYWUSB6935

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWUSB6935-48LTXC CYPRESS-CYWUSB6935-48LTXC Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6935-48LTXI CYPRESS-CYWUSB6935-48LTXI Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
More results

Similar Description - CYWUSB6935

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
   WirelessUSB 2.4-GHz DSSS Radio SoC
logo
Cypress Semiconductor
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
   WirelessUSB??LPstar 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
CYRF9935 CYPRESS-CYRF9935 Datasheet
1Mb / 47P
   WirelessUSB??NX 2.4 GHz Low Power Radio
CYRF8935 CYPRESS-CYRF8935_13 Datasheet
689Kb / 40P
   WirelessUSB??NL 2.4 GHz Low Power Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com