Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6935-48LFXI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYWUSB6935-48LFXI
Description  WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6935-48LFXI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYWUSB6935-48LFXI Datasheet HTML 1Page - Cypress Semiconductor CYWUSB6935-48LFXI Datasheet HTML 2Page - Cypress Semiconductor CYWUSB6935-48LFXI Datasheet HTML 3Page - Cypress Semiconductor CYWUSB6935-48LFXI Datasheet HTML 4Page - Cypress Semiconductor CYWUSB6935-48LFXI Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6935-48LFXI Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6935-48LFXI Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6935-48LFXI Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6935-48LFXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
CYWUSB6935
Document #: 38-16008 Rev. *C
Page 4 of 33
Byte 1
Byte 1+N
Bit #
7
6
[5:0]
[7:0]
Bit Name
DIR
INC
Address
Data
Figure 5-1. SPI Transaction Format
Figure 5-2. SPI Single Read Sequence
Figure 5-3. SPI Burst Read Sequence
Figure 5-4. SPI Single Write Sequence
Figure 5-5. SPI Burst Write Sequence
SS
MO S I
MIS O
SC K
DIR
IN C
A0
A1
A2
A3
A4
A5
D0
D1
D2
D3
D4
D5
D6
D7
data to m c u
ad dr
cm d
00
SS
MO S I
MIS O
SC K
A0
A1
A2
A3
A4
A5
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
data to m c u
1
data to m c u
1+N
addr
cm d
DIR
IN C
01
SS
MOSI
MISO
SCK
DIR
INC
A0
A1
A2
A3
A4
A5
D0
D1
D2
D3
D4
D5
D6
D7
data from m cu
addr
cm d
10
SS
MO S I
MIS O
SC K
A0
A1
A2
A3
A4
A5
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
data from m cu
1
data from m cu
1+N
addr
cm d
DIR
IN C
11


Similar Part No. - CYWUSB6935-48LFXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWUSB6935-48LTXC CYPRESS-CYWUSB6935-48LTXC Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6935-48LTXI CYPRESS-CYWUSB6935-48LTXI Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
More results

Similar Description - CYWUSB6935-48LFXI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
   WirelessUSB 2.4-GHz DSSS Radio SoC
logo
Cypress Semiconductor
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
   WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
   WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
   WirelessUSB LS 2.4-GHz DSSS Radio SoC
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
   WirelessUSB LP 2.4 GHz Radio SoC
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
   WirelessUSB??LPstar 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
   WirelessUSB??LP 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
   WirelessUSB LP 2.4 GHz Radio SoC Low external component count
CYRF9935 CYPRESS-CYRF9935 Datasheet
1Mb / 47P
   WirelessUSB??NX 2.4 GHz Low Power Radio
CYRF8935 CYPRESS-CYRF8935_13 Datasheet
689Kb / 40P
   WirelessUSB??NL 2.4 GHz Low Power Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com