Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC4151C-12C Datasheet(PDF) 2 Page - Picker Components

Part # PC4151C-12C
Description  15 Amp Subminature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC4151C-12C Datasheet(HTML) 2 Page - Picker Components

  PC4151C-12C Datasheet HTML 1Page - Picker Components PC4151C-12C Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC415
PC415
COIL DATA
Coil Voltage
5
6
12
24
48
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
25
70
100
400
1600
6400
3.5
4.2
8.4
16.8
33.6
0.5
0.6
1.2
2.4
4.8
6.5
7.8
15.6
31.2
62.4
_
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Note: Custom coil voltages within the ranges shown are available on special order.
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Forms A & B Unused Pins are Omitted
3
2.1
0.3
3.9
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
9
225
6.3
0.9
11.7
(12.0)
.472
.078
(2.0)
(12.2)
.480
(19.5)
.767
(15.3)
.602
(15.3)
.602
(3.5)
.138
(1.3)
.051
0
1
5
10
15
10
20 30 40 50 100
PC415
PC415H
DC Contact Voltage.
Contact Derating for DC loads
0
1
5
10
15
10
20 30 40 50 100
PC415
PC415H
AC Contact Voltage.
Contact Derating for AC loads
200 360


Similar Part No. - PC4151C-12C

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC415-1A-12CF-X PICKER-PC415-1A-12CF-X Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415-1A-12CNIL-X PICKER-PC415-1A-12CNIL-X Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415-1A-12SF-X PICKER-PC415-1A-12SF-X Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415-1A-12SNIL-X PICKER-PC415-1A-12SNIL-X Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415-1A-24CF-X PICKER-PC415-1A-24CF-X Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
More results

Similar Description - PC4151C-12C

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC415H PICKER-PC415H Datasheet
70Kb / 2P
   15 Amp Subminature PCB Power Relay
PC333 PICKER-PC333_14 Datasheet
259Kb / 2P
   12 Amp Subminature PCB Power Relay
PC835 PICKER-PC835_14 Datasheet
196Kb / 2P
   10 Amp Subminature PCB Power Relay
PC415 PICKER-PC415_14 Datasheet
203Kb / 2P
   10 AMP Subminature PCB Power Relay
PCH410 PICKER-PCH410 Datasheet
177Kb / 2P
   10 Amp Subminature PCB Power Relay
PC333 PICKER-PC333 Datasheet
178Kb / 2P
   12 Amp Subminature PCB Power Relay
PC834 PICKER-PC834 Datasheet
188Kb / 2P
   12 Amp Subminature PCB Power Relay
PC420 PICKER-PC420 Datasheet
139Kb / 2P
   20 Amp Subminature PCB Power Relay
PC835 PICKER-PC835 Datasheet
189Kb / 2P
   10 Amp Subminature PCB Power Relay
PC520 PICKER-PC520 Datasheet
162Kb / 2P
   20 Amp Subminature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com