Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC4541A-12PF Datasheet(PDF) 1 Page - Picker Components

Part # PC4541A-12PF
Description  25 Amp Minature PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC4541A-12PF Datasheet(HTML) 1 Page - Picker Components

  PC4541A-12PF Datasheet HTML 1Page - Picker Components PC4541A-12PF Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25 Amp Minature PCB Power Relay
FEATURES
25 Amp contact capacity
80 Amp Inrush
.250 quick connect terminals for load
3.6 KV dielectric strength between coil and contacts
1 Hp @ 250 VAC
Meets UL 873 spacing
PC454
Load Type
Motor
25 Amps @ 120 VAC, 277 VAC & 30 VDC
All Forms
UL/CUR RATINGS
CHARACTERISTICS
Operate Time
20 ms. Max.
Release Time
Insulation Resistance
10 ms. Max.
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
3600 Vrms, 1 min. between coil and contacts
1200 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.0 mm, 10 - 55 Hz
Power Consumption
.9 Watts
Ambient Temperature Range
-40 to 85 C, -40 to 130 C storage
Weight
31.5 grams approx.
1 1/2 Hp @ 250 VAC, 1 Hp @ 125 VAC
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC454 Rev B 4-6-04
PAGE 1
UL Class "F" insulation available
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnO (Silver Tin Oxide)
30 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 105
Operations
Operations
All Contacts
Resistive
Maximum switched power
Maximum switched voltage
6380 VA, 750 W
300 VAC, 30 VDC
File # E93379
ORDERING INFORMATION
Example:
PC454
Model
P
-1A
Coil Voltage
Contact Form
1A
Terminal Type
Nil: QC + PC, P: All PC
-12
Insulation Material
Nil: Class B, F: Class F (155 degrees C)
F


Similar Part No. - PC4541A-12PF

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PC454-O P-TEC-PC454-O Datasheet
235Kb / 2P
   PRODUCT SPECIFICATION
logo
Picker Components
PC454 PICKER-PC454_14 Datasheet
251Kb / 2P
   25 Amp Mi nature PCB Power Relay
More results

Similar Description - PC4541A-12PF

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC354 PICKER-PC354 Datasheet
169Kb / 2P
   25 Amp Minature PCB Power Relay
PC354 PICKER-PC354_14 Datasheet
183Kb / 2P
   25 AMP Minature PCB Power Relay
PC384 PICKER-PC384 Datasheet
174Kb / 2P
   10 Amp Minature PCB Power Relay
PC379 PICKER-PC379 Datasheet
178Kb / 2P
   20 Amp Minature PCB Power Relay
PC355 PICKER-PC355 Datasheet
171Kb / 2P
   20 Amp Minature PCB Power Relay
PC393 PICKER-PC393 Datasheet
169Kb / 2P
   20 Amp Minature PCB Power Relay
PC372 PICKER-PC372 Datasheet
167Kb / 2P
   10 Amp Minature 2 Pole PCB Power Relay
logo
Tyco Electronics
REL MACOM-REL Datasheet
148Kb / 2P
   Minature PCB Relay
logo
Picker Components
PC375 PICKER-PC375 Datasheet
173Kb / 2P
   Low Profile Minature PCB Power Relay
PC466 PICKER-PC466 Datasheet
194Kb / 2P
   Ultra Slim Minature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com