Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

630MMW225JHPE7 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 630MMW225JHPE7
Description  METALLIZED POLYESTER FILM CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

630MMW225JHPE7 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  630MMW225JHPE7 Datasheet HTML 1Page - RUBYCON CORPORATION 630MMW225JHPE7 Datasheet HTML 2Page - RUBYCON CORPORATION 630MMW225JHPE7 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
♦RATED VOLTAGE : 100VDC
♦DIMENTIONS AND QUANTITY
: Tolerance(J:
±5%, K:±10%, M:±20%)
** : Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
100MMW475
HP**
100MMW565
HP**
100MMW685
HP**
100MMW825
HP**
100MMW106
HP**
100MMW126
HP**
100MMW156
HP**
cap(
µF)
AB
C
F
±1.5 LS±0.5
d
Bag
Carton
A
B, D
C
E
19.0
19.0
19.0
19.0
19.0
26.5
26.5
11.5
12.5
14.0
15.5
17.0
14.5
16.5
22.5
23.5
25.0
26.5
28.5
26.0
28.0
15.0
15.0
15.0
15.0
15.0
22.5
22.5
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
22.5
22.5
1.0
1.0
1.0
1.0
1.0
1.0
1.0
200
200
100
100
100
100
100
1,000
800
800
800
500
500
400
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
4.7
5.6
6.8
8.2
10
12
15
Long Lead type
Taping Ammo pack type - style
♦RATED VOLTAGE : 200VDC
: Tolerance(J:
±5%, K:±10%, M:±20%)
** : Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
200MMW184
HP**
200MMW224
HP**
200MMW274
HP**
200MMW334
HP**
200MMW394
HP**
200MMW474
HP**
200MMW564
HP**
200MMW684
HP**
200MMW824
HP**
200MMW105
HP**
200MMW125
HP**
200MMW155
HP**
200MMW185
HP**
200MMW225
HP**
200MMW275
HP**
200MMW335
HP**
cap(
µF)
AB
C
F
±1.5 LS±0.5
d
Bag
Carton
A
B, D
C
E
11.5
11.5
11.5
11.5
11.5
11.5
11.5
11.5
11.5
14.5
14.5
14.5
19.0
19.0
19.0
19.0
7.5
8.5
8.5
9.0
9.5
10.0
10.5
11.5
13.0
11.0
12.0
14.0
11.5
12.5
14.0
15.5
15.0
15.5
17.5
19.0
20.0
20.5
22.0
23.5
24.5
22.5
24.0
25.5
22.5
24.0
26.0
28.0
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
10.0
10.0
10.0
15.0
15.0
15.0
15.0
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
200
200
200
200
200
200
200
200
200
200
200
200
200
200
100
100
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
2,000
1,000
1,000
1,000
800
800
500
500
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
Long Lead type
Taping Ammo pack type - style
♦RATED VOLTAGE : 400VDC
: Tolerance(J:
±5%, K:±10%, M:±20%)
** : Suffix
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
400MMW184
HP**
400MMW224
HP**
400MMW274
HP**
400MMW334
HP**
400MMW394
HP**
400MMW474
HP**
400MMW564
HP**
400MMW684
HP**
400MMW824
HP**
400MMW105
HP**
400MMW125
HP**
400MMW155
HP**
400MMW185
HP**
400MMW225
HP**
cap(
µF)
AB
C
F
±1.5 LS±0.5
d
Bag
Carton
A
B, D
C
E
14.0
14.0
14.0
14.0
14.0
14.0
14.0
14.0
14.0
14.0
14.0
20.0
20.0
20.0
7.5
8.5
9.0
10.0
11.0
12.0
13.0
14.5
15.5
17.0
19.0
16.0
17.5
19.0
17.0
18.5
19.0
20.0
21.0
22.5
24.5
25.5
27.0
28.5
30.5
26.5
28.0
30.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/10.0
5.0/7.5/15.0
5.0/7.5/15.0
5.0/7.5/15.0
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
1.0
1.0
1.0
1.0
1.0
200
200
200
200
200
200
200
200
200
200
200
100
100
100
2,000
2,000
1,000
1,000
1,000
1,000
1,000
1,000
800
800
800
500
500
500
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
Long Lead type
Taping Ammo pack type - style
METALLIZED POLYESTER FILM CAPACITORS
MMW-HP


Similar Part No. - 630MMW225JHPE7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
630MMB103JE7TC RUBYCON-630MMB103JE7TC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
630MMB103JH7TC RUBYCON-630MMB103JH7TC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
630MMB103KE7TC RUBYCON-630MMB103KE7TC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
630MMB104JE7TC RUBYCON-630MMB104JE7TC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
630MMB104KE7TC RUBYCON-630MMB104KE7TC Datasheet
68Kb / 4P
   METALLIZED POLYESTER FILM CAPACITORS
More results

Similar Description - 630MMW225JHPE7

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
MERITEK ELECTRONICS COR...
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
   Metallized Polyester Film Capacitors
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
   Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com