Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

161MPR183KS7 Datasheet(PDF) 3 Page - RUBYCON CORPORATION

Part # 161MPR183KS7
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

161MPR183KS7 Datasheet(HTML) 3 Page - RUBYCON CORPORATION

  161MPR183KS7 Datasheet HTML 1Page - RUBYCON CORPORATION 161MPR183KS7 Datasheet HTML 2Page - RUBYCON CORPORATION 161MPR183KS7 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
◆RATED VOLTAGE:1200Vp-p/1600VDC
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
121MPR102 **
121MPR122 **
121MPR152 **
121MPR182 **
121MPR222 **
121MPR272 **
121MPR332 **
121MPR392 **
121MPR472 **
121MPR562 **
121MPR682 **
121MPR822 **
121MPR103 **
121MPR123 **
121MPR153 **
121MPR183 **
121MPR223 **
121MPR273 **
121MPR333 **
121MPR393 **
121MPR473 **
121MPR563 **
cap(μF)
AB
C
F±1.25 LS±0.5
d
Bag
Carton
A
B, D
C
E
15.5
15.5
15.5
15.5
15.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
23.5
23.5
23.5
23.5
23.5
23.5
23.5
23.5
23.5
6.5
7.0
6.5
7.0
7.0
6.5
6.5
7.0
7.5
7.5
8.0
8.5
9.0
7.5
8.0
8.5
9.5
10.5
11.0
12.5
13.5
14.5
11.0
11.5
11.0
11.5
11.5
11.0
11.5
11.5
12.5
14.0
14.5
15.5
16.0
14.0
15.0
15.5
16.5
17.5
19.5
21.0
22.0
23.5
12.5
12.5
12.5
12.5
12.5
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
20.0
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
100
100
100
100
100
100
100
100
100
100
100
100
100
200
200
200
100
100
100
100
100
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,000
2,000
2,000
1,500
1,500
1,500
1,500
1,000
1,000
1,000
800
800
500
500
500
500
500
500
500
500
500
500
500
500
500
400
400
400
500
500
500
500
500
500
500
400
400
400
400
300
300
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
Long Lead type
Taping Ammo pack type - style
: Tolerance(H:±3%,J:±5%,K:±10%)  **:Suffix
※For capacitance values of E-24 series, consult our sales office.
◆RATED VOLTAGE:1600Vp-p/2000VDC
Part No.
Dimensions (mm)
Typical Packaging Quantity (pcs)
161MPR102 **
161MPR122 **
161MPR152 **
161MPR182 **
161MPR222 **
161MPR272 **
161MPR332 **
161MPR392 **
161MPR472 **
161MPR562 **
161MPR682 **
161MPR822 **
161MPR103 **
161MPR123 **
161MPR153 **
161MPR183 **
cap(μF)
AB
C
F±1.25 LS±0.5
d
Bag
Carton
A
B, D
C
E
S
TC
TX, TH TL, TJ
TN
TS
TC
TX, TH TL, TJ
TN
TS
S
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
18.5
23.5
23.5
23.5
23.5
23.5
6.0
6.5
6.5
7.0
7.5
8.0
8.5
9.0
10.0
10.5
11.0
8.0
9.0
9.5
10.5
11.5
10.5
11.0
11.0
11.5
12.5
13.0
14.0
15.0
15.5
16.0
17.5
15.0
15.5
16.5
19.0
20.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
20.0
20.0
20.0
20.0
20.0
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
5.0/7.5
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
7.5/15.0
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
200
100
100
100
100
100
200
200
50
50
50
50
200
200
200
100
3,000
3,000
3,000
2,000
2,000
2,000
1,500
1,500
1,500
1,000
1,000
1,000
1,000
1,000
800
500
500
500
500
500
500
400
400
400
300
300
300
500
500
500
400
400
400
400
300
300
300
300
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
Long Lead type
Taping Ammo pack type - style
: Tolerance(H:±3%,J:±5%,K:±10%)  **:Suffix
※For capacitance values of E-24 series, consult our sales office.
METALLIZED POLYPROPYLENE FILM CAPACITORS MPR
◆PERMISSIBLE CURRENT FOR FREQUENCY
Frequency
(kHz)
800MPR
1000
104
473
223
103
472
222
102
10
100
0
1
2
3
4
5
Frequency
(kHz)
121MPR
Frequency
(kHz)
101MPR
1000
104
473
223
103
472
222
102
0
10
100
1
2
3
4
5
Frequency
(kHz)
161MPR
563
223
103
472
222
102
10
100
1000
0
1
2
3
4
5
4
5
0
1
2
3
10
100
1000
183
103
472
222
102


Similar Part No. - 161MPR183KS7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
161MPE102 RUBYCON-161MPE102 Datasheet
79Kb / 4P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
161MPE102HS7 RUBYCON-161MPE102HS7 Datasheet
45Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
161MPE102HTJ RUBYCON-161MPE102HTJ Datasheet
45Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
161MPE102HTN RUBYCON-161MPE102HTN Datasheet
45Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
161MPE102HW7 RUBYCON-161MPE102HW7 Datasheet
45Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results

Similar Description - 161MPR183KS7

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com