Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5330DC-T Datasheet(PDF) 8 Page - Enpirion, Inc.

Part # EN5330DC-T
Description  3A Voltage Mode Synchronous Buck PWM DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5330DC-T Datasheet(HTML) 8 Page - Enpirion, Inc.

Back Button EN5330DC-T Datasheet HTML 3Page - Enpirion, Inc. EN5330DC-T Datasheet HTML 4Page - Enpirion, Inc. EN5330DC-T Datasheet HTML 5Page - Enpirion, Inc. EN5330DC-T Datasheet HTML 6Page - Enpirion, Inc. EN5330DC-T Datasheet HTML 7Page - Enpirion, Inc. EN5330DC-T Datasheet HTML 8Page - Enpirion, Inc. EN5330DC-T Datasheet HTML 9Page - Enpirion, Inc. EN5330DC-T Datasheet HTML 10Page - Enpirion, Inc. EN5330DC-T Datasheet HTML 11Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Rev 1.0 – July 2005
www.enpirion.com
EN5330
8
Capacitor Selection
The EN5330 needs about 20-40uF of input
capacitance. Low-cost, low-ESR ceramic capacitors
can be used as input capacitors for this converter and
it is strongly recommended that they be rated X5R or
X7R. In some applications, lower value capacitors are
needed in parallel with the larger, lossy capacitors in
order to provide high frequency decoupling.
The EN5330 has been optimized for use with about
50µF of ceramic output capacitance. It is strongly
recommended that these be low-cost, low-ESR,
ceramic capacitors rated X5R or X7R. (See the
Enpirion application note on ripple comparison for
optimum selection of number and value of these
capacitors based on ripple requirements.) In order to
eliminate high-frequency switching spikes on the
output ripple, usually a low-value, low-ESR ceramic
capacitor is used in parallel with the larger capacitors
right at the load.
Enable Operation
The ENABLE pin provides a means to shut down the
power FET switching or enable normal operation. A
logic low will disable the converter and cause it to
shut down. A logic high will enable the converter into
normal operation.
Soft-Start Operation
The SS pin in conjunction with a small capacitor
between this pin and AGND provides the soft start
function to limit the in-rush current during start-up.
During start-up of the converter the reference voltage
to the error amplifier is gradually increased to its final
level by an internal current source of typically 10uA.
The whole soft-start procedure is designed to take 1ms
- 3ms with a 15-30nF soft start capacitor, but can be
programmed by capacitor selection using the
following equation:
Rise Time: TR = Css* 80k
During the soft-start cycle, when the soft-start
capacitor reaches 0.8V, the output has reached its
programmed regulation range. Note that the soft-start
current source will continue to operate and during
normal operation, the soft-start capacitor will charge
up to a final value of 2.5V.
Power Up Sequencing
The sequencing of AVIN, PVIN and ENABLE should
meet the following requirements:
1. ENABLE should not be asserted before PVIN.
2. PVIN should not be applied before AVIN.
Note that tying AVIN, PVIN and ENABLE together
and brought up at the same time does meet these
requirements.
POK Operation
The POK signal is an open drain signal from the
converter indicating the output voltage is within the
specified range. The POK signal will be a logic high
when the output voltage is within 90% - 120% of the
programmed output voltage. If the output voltage goes
outside of this range, the POK signal will be a logic
low until the output voltage has returned to within this
range. In the event of an over-voltage condition the
POK signal will go low and will remain in this
condition until the output voltage has dropped to 95%
of the programmed output voltage before returning to
the high state (see also Over Voltage Protection)
Over-Current Protection
The cycle-by-cycle current limit function is achieved
by sensing the current flowing through the sense P-
MOSFET and a signal generated by a differential
amplifier with a preset over-current threshold. During
a particular cycle, if the over-current threshold is
exceeded, the power P-MOSFET is turned off and the
power N-MOSFET is turned on to protect the P-
MOSFET. If the over-current condition is removed,
the over-current protection circuit will enable the
PWM operation. If the over-current condition persists,
the converter will eventually go through a full soft-
start cycle. This circuit is designed to provide high
noise immunity.
It is possible to raise the over-current set-point by
~50% by connecting a 4.99k
Ω resistor between ROCP
and GND.
Over-Voltage Protection
When the output voltage exceeds 120% of the
programmed output voltage, the PWM operation
stops, the lower N-MOSFET is turned on and the
POK signal goes low. When the output voltage drops
below 95% of the programmed output voltage, normal


Similar Part No. - EN5330DC-T

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Altera Corporation
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Enpirion, Inc.
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
logo
Altera Corporation
EN5336QI ALTERA-EN5336QI Datasheet
471Kb / 15P
   Output Voltage Programming
logo
Enpirion, Inc.
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN5330DC-T

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
   1A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Fitipower Integrated Te...
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
   21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com