Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5330DI Datasheet(PDF) 4 Page - Enpirion, Inc.

Part # EN5330DI
Description  3A Voltage Mode Synchronous Buck PWM DC-DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5330DI Datasheet(HTML) 4 Page - Enpirion, Inc.

  EN5330DI Datasheet HTML 1Page - Enpirion, Inc. EN5330DI Datasheet HTML 2Page - Enpirion, Inc. EN5330DI Datasheet HTML 3Page - Enpirion, Inc. EN5330DI Datasheet HTML 4Page - Enpirion, Inc. EN5330DI Datasheet HTML 5Page - Enpirion, Inc. EN5330DI Datasheet HTML 6Page - Enpirion, Inc. EN5330DI Datasheet HTML 7Page - Enpirion, Inc. EN5330DI Datasheet HTML 8Page - Enpirion, Inc. EN5330DI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Rev 1.0 – July 2005
www.enpirion.com
EN5330
4
5Vin / 1.2Vout
0-3A Load step
Absolute Maximum Ratings
CAUTION: Stresses in excess of the absolute maximum ratings may cause permanent damage to the device.
Exposure to absolute maximum ratings for extended periods can adversely affect device reliability.
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Supply Voltage
VIN
-0.5
6.5
V
Input Voltage – Enable
-0.5
VIN
V
Input Voltage – VS0, VS1 & VS2 (Note 1)
-0.5
2.8
V
Storage Temperature Range
TSTG
-65
150
°C
Operating Junction Temperature
TJ
150
°C
MSL per JEDEC J-STD-020A Level 3 (Note 2)
240
°C
ESD Rating (based on Human Body Model)
2000
V
NOTES:
1. VS0, VS1 and VS2 pins have an internal pull-up resistor, only ground potentials should be placed on them as required.
2. Evaluation for MSL3 at 255°C in process.
Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Supply Voltage
VIN
2.375
5.5
V
Operating Junction Temperature
TJ
-40
125
°C
Thermal Characteristics
PARAMETER
SYMBOL
TYPICAL
UNITS
Thermal Resistance: Junction to Ambient (0 LFM)
(Note 3)
θJA
28
°C/W
Thermal Resistance: Junction to Case (0 LFM)
θJC
6
°C/W
NOTES:
3. Based on a four-layer board and proper thermal design in line with JEDEC EIJ/JESD 51 Standards.
Electrical Characteristics
NOTE: VIN=3.3V and over operating temperature range unless otherwise noted. Typical values are at TA =


Similar Part No. - EN5330DI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Altera Corporation
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Enpirion, Inc.
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
logo
Altera Corporation
EN5336QI ALTERA-EN5336QI Datasheet
471Kb / 15P
   Output Voltage Programming
logo
Enpirion, Inc.
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN5330DI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
   1A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Fitipower Integrated Te...
FR9806 FITIPOWER-FR9806 Datasheet
942Kb / 12P
   21V, 3A, 500KHz Synchronous PWM-Buck DC/DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Bookly Micro electronic
BM1507 BOOKLY-BM1507 Datasheet
652Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com