Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHP3194IM14X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FHP3194IM14X
Description  4:1 High Speed Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FHP3194IM14X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FHP3194IM14X Datasheet HTML 1Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 2Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 3Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 4Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 5Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 6Page - Fairchild Semiconductor FHP3194IM14X Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FHP3194 Rev. 1.0.6
2
www.fairchildsemi.com
Advance Information
Pin Configurations
Pin Assignments
Truth Table
Pin#
Pin
Description
1
IN1
Input, Channel 1
2
GND
Must be connected to ground
3
IN2
Input, Channel 2
4
GND
Must be connected to ground
5
IN3
Input, Channel 3
6
-Vs
Negative Supply
7
IN4
Input, Channel 4
8
A0
Logic Input A0
9
A1
Logic Input A1
10
EN
Enable pin, “1” = Disable, “0” = Enable
11
SD
Shutdown pin, “1” = Shutdown, “0” = Active
12
-VIN
Inverting Input of output amplifier
13
OUT
Output
14
+Vs
Positive Supply
A0
A1
EN
SD
OUT
1100
CH4
0100
CH3
1000
CH2
0000
CH1
XX
1
0
Disable
XXX
1
Shutdown
2
3
4
11
12
13
14
+Vs
1
IN1
FHP3194 SOIC / TSSOP
6
7
5
8
9
10
GND
IN3
GND
IN4
OUT
-VIN
SD
EN
A1
A0
GND
IN2
+1
+1
+1
+1


Similar Part No. - FHP3194IM14X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3194IM14X FAIRCHILD-FHP3194IM14X Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
More results

Similar Description - FHP3194IM14X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com