Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-F3AA024ENIL Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-F3AA024ENIL
Description  1 POLE 3A SsLIM TYPE RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F3AA024ENIL Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-F3AA024ENIL Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F3AA024ENIL Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F3AA024ENIL Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F3AA024ENIL Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F3AA024ENIL Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F3AA024ENIL Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FTR-F3 sERIEs
n
REFERENcE DATA
100
80
60
40
20
0
20
40
60
80
100
Nominal voltage multiplying factor (%)
Operate
Release
Distribution of operate and release voltage
FTR-F3AA012E
n=100
100
80
60
40
20
0
2
4
6
8
10
Time (ms)
Operate
Release
Distribution of operate and release time
FTR-F3AA012E
n=100
100
80
60
40
20
0
4
8
12
16
20
Contact resistance (m )
Distribution of contact resistance
FTR-F3AA012E
n=100
Make
10
8
6
4
2
0
20
10
7
5
3
2
1
0.7
0.5
0.1 0.2
0.5
1
2
5
10
8
6
4
2
0
100
50
20
10
5
2
1
0.5
100
200
10
8
6
4
2
0
100
50
20
10
5
2
1
0.5
100
200
Operate
Operation (x106)
Operation (x103)
Operation (x103)
Release
Mechanical life test
Electrical life test
Electrical life test
Initial
Initial
Initial
FTR-F3A012E
n=8
10 operations/minute
DC30V, 3 A (resistive)
Operate
Release
Operate
Release
FTR-F3AA012E
n=20
1200 operations/minute
FTR-F3AA012E
n=8
10 operations/minute
AC250 V, 3A (resistive)
n
DIMENsIONs
l
Dimensions
l
Schematics
(BOTTOMVIEW)
l
Pc board mounting
hole layout
(BOTTOMVIEW)
20.3 +0.2(.799+.008)
8.8(.346)
1.32(.052)
f0.45(.017)
0.35(.014)
0.35(.014)
.8(.031)
4.7
(.185)
7.0+0.2
(.275+.012)
f0.45(.017)
(.106)
2.7
7.0(.276)
1.25(.049)
4-ø1.1(.043)
7(.276)
8.8(.346)
1.32(.052)
2.7
(.106)
4-ø1.1(.043)
7(.276)
8.8(.346)
1.32(.052)
2.7
(.106)
Creepagedistance6mm
Clearancedistance6mm


Similar Part No. - FTR-F3AA024ENIL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3AA024E FUJITSU-FTR-F3AA024E Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3AA024E-HA FUJITSU-FTR-F3AA024E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA024EHA FUJITSU-FTR-F3AA024EHA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA024EKS FUJITSU-FTR-F3AA024EKS Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
More results

Similar Description - FTR-F3AA024ENIL

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
   POWER RELAY 1 POLE 3A SLIM TYPE RELAY
VG-12HMSE-K-UL FUJITSU-VG-12HMSE-K-UL Datasheet
186Kb / 7P
   POWER RELAY 1 POLE-3A to 5 A (CADMIUM FREE CONTACTS TYPE)
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
JSL FUJITSU-JSL Datasheet
974Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
   POWER RELAY 1 POLE - High Capacity 32A Type
JSL FUJITSU-JSL_11 Datasheet
387Kb / 6P
   POWER RELAY 1 POLE - 8A Polarized Latching Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com