Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDD05-12D4 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FDD05-12D4
Description  DC-DC CONVERTER 5 ~ 6W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FDD05-12D4 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FDD05-12D4 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDD05-12D4 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDD05-12D4 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDD05-12D4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC-DC CONVERTER
FDD05 SERIES
5 ~ 6W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
SPECIFICATION
All Specifications Typical At Nominal Line, Full Load, 25
Unless Otherwise Noticed
GENERAL SPECIFICATION
* Switching frequency: .........................
* Isolation voltage: ..............................
* Isolation resistance: ..........................
* Operating ambient temperature: .........
* Storage temperature: ........................
* Max. Case temperature: .....................
* M.T.B.F.: ..........................................
* Cooling: ...........................................
* Temperature coefficient: ....................
* Dimension: ......................................
>80KHz
1,500VDC
1G Ω(min.)
-25 to +71℃
-40 to +100℃
90℃
661,000Hrs at @ GF40, according to MIL-HDBK-217F
Free air convection
±0.02% / ℃
50.8 x 50.8 x 12mm
INPUT SPECIFICATIONS
* Input voltage range: ..........................
* Input filter: .......................................
* No load input current: ........................
* Max. Input voltage: ...........................
9 ~ 18VDC for 12V
9 ~ 36VDC for 24V
18 ~ 36VDC for 24V
18 ~ 72VDC for 48V
20 ~ 60VDC for 48V
36 ~ 72VDC for 48V
Pi type
40mA for 12V in
25mA for 24V in
15mA for 48V in
20VDC for 12V in
40VDC for 24V in
75VDC for 48V in
OUTPUT SPECIFICATIONS
* Output voltage accuracy: ...................
* Minimum load: ..................................
* Line regulation: ................................
* Load regulation: ...............................
* Ripple & noise: .................................
* Efficiency: ........................................
* Derating: ........................................
* Case material: ..................................
±2% at Vo_nom
No load for single output models
±2% at Vo_nom for dual output models
±1% at Vo_nom
±2% at Vo_nom for single output models
±5% at Vo_nom for dual output models
150mV (max.)
Up to 75%, see model list
See table 1
Plastic
CONTROL AND PROTECTION
* Input reversed: .................................
* Output short circuit: ..........................
Shunt diode use external fuse
Continuous


Similar Part No. - FDD05-12D4

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
FDD05-12D4 CHINFA-FDD05-12D4 Datasheet
168Kb / 4P
   DC - AC CONCERTER 5~6W SINGLE & DUAL OUTPUT
More results

Similar Description - FDD05-12D4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDD05 ETC1-RDD05 Datasheet
158Kb / 4P
   DC-DC CONVERTER 5 - 6W ( RDD05 SERIES )
logo
Minmax Technology Co., ...
MDWI06 MINMAX-MDWI06 Datasheet
462Kb / 4P
   DC-DC CONVERTER 6W
MIW06M MINMAX-MIW06M Datasheet
941Kb / 5P
   DC-DC CONVERTER 6W
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
FDD05 CHINFA-FDD05_10 Datasheet
193Kb / 4P
   DC - DC CONVERTER 5~6W 5V INPUT MODEL
RDD05-03S1U CHINFA-RDD05-03S1U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4_10 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com