Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5616 Datasheet(PDF) 2 Page - Sensitron

Part # 1N5616
Description  HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N5616 Datasheet(HTML) 2 Page - Sensitron

  1N5616 Datasheet HTML 1Page - Sensitron 1N5616 Datasheet HTML 2Page - Sensitron 1N5616 Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 874, REV. -
MECHANICAL DIMENSIONS: in inches / mm
JAN
JANTX
JANTXV
1N5614
1N5616
1N5618
1N5620
1N5622
MELF-1
PKG. 102
.225
.130
(5.72
3.30)
1.30
1.00
(33.0
25.4)
.110
.065
(2.79
1.65)
0.033
0.026
(.84
.66)
.128
.091
(3.8
3.4)
.028
.019
(.72
.48)
.230
.168
(5.9
4.2)
.128
.091
(3.8
3.4 )
.003 Min
(.076)
0.20 R Max
(5.08)


Similar Part No. - 1N5616

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N5616 GE-1N5616 Datasheet
51Kb / 2P
   GLASS PASSIVATED MEDIUM-SWITCHING JUNCTION RECTIFIER
logo
Central Semiconductor C...
1N5616 CENTRAL-1N5616 Datasheet
411Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
logo
Microsemi Corporation
1N5616 MICROSEMI-1N5616 Datasheet
53Kb / 2P
   MILITARY RECTIFIERS
1N5616 MICROSEMI-1N5616 Datasheet
208Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
logo
Semtech Corporation
1N5616 SEMTECH-1N5616 Datasheet
143Kb / 3P
   RECTIFIER, up to 1kV, 2A, 2關s
More results

Similar Description - 1N5616

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_10 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5614 SENSITRON-1N5614_09 Datasheet
54Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
1N5806 SENSITRON-1N5806 Datasheet
47Kb / 2P
   HERMETIC AXIAL / MELF LEAD RECTIFIER
1N6628 SENSITRON-1N6628 Datasheet
58Kb / 3P
   HERMETIC ULTRAFAST RECTIFIER AXIAL LEAD / SURFACE MOUNT (MELF)
1N5807 SENSITRON-1N5807_10 Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENCY RECTIFIER
SS5807 SENSITRON-SS5807 Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENTCY RECTIFIER
1N5819-1 SENSITRON-1N5819-1_08 Datasheet
59Kb / 3P
   HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
SS5819-1 SENSITRON-SS5819-1_08 Datasheet
48Kb / 3P
   HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com