Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6673R Datasheet(PDF) 1 Page - Sensitron

Part # 1N6673R
Description  HERMETIC ULTRAFAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

1N6673R Datasheet(HTML) 1 Page - Sensitron

  1N6673R Datasheet HTML 1Page - Sensitron 1N6673R Datasheet HTML 2Page - Sensitron 1N6673R Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web Site - www.sensitron.com • E-mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 347, REV. A
HERMETIC ULTRAFAST RECOVERY RECTIFIER
DESCRIPTION: 400 VOLT, 15 AMP, 15 NANOSECOND, RECTIFIER IN A HERMETIC TO-254 PACKAGE.
MAX RATINGS/ELECTRICAL CHARACTERISTICS
ALL RATINGS ARE AT TA = 25 °C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE (PER LEG)
PIV
400
Volts
MAXIMUM FORWARD VOLTAGE DROP (PER LEG)
IF = 10A, TA = 25 C°
IF = 20A, TA = 25 C°
Vf
1.35
1.55
Volts
MAXIMUM DC OUTPUT CURRENT (TC = 100 °C) (PER LEG)
IO
15
Amps
PEAK SINGLE CYCLE SURGE CURRENT tp = 8.3 msec.
IFSM
150
Amps
MAXIMUM REVERSE RECOVERY TIME (If = 0.5A, Ir = 1.0A, Irr = 0.25A)
trr
35
nsec
MAXIMUM REVERSE CURRENT Ir @ PIV (TC = 100°C) (PER LEG)
Ir
50
5.0
µA
mA
MAXIMUM THERMAL RESISTANCE (PER LEG)
RθJC
2.0
°C/W
MAXIMUM OPERATING TEMPERATURE RANGE
TOP
-65 to
+200
°C
JUNCTION CAPACITANCE VR = 10Vdc, f = 1MHz
VSIG = 50mV (p-p) (Max)
CJ
150
pF
* Suffix R denotes common anode version.
1N6673
1N6673R


Similar Part No. - 1N6673R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6673R MICROSEMI-1N6673R Datasheet
97Kb / 1P
   DUAL ULTRAFAST POWER RECTIFIER
More results

Similar Description - 1N6673R

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N6659 SENSITRON-1N6659 Datasheet
53Kb / 3P
   HERMETIC ULTRAFAST RECOVERY RECTIFIER
1N6658 SENSITRON-1N6658 Datasheet
49Kb / 3P
   HERMETIC ULTRAFAST RECOVERY RECTIFIER
1N6672 SENSITRON-1N6672 Datasheet
50Kb / 3P
   HERMETIC ULTRAFAST RECOVERY RECTIFIER
1N6657 SENSITRON-1N6657 Datasheet
49Kb / 3P
   HERMETIC ULTRAFAST RECOVERY RECTIFIER
1N6674 SENSITRON-1N6674 Datasheet
50Kb / 3P
   HERMETIC ULTRAFAST RECOVERY RECTIFIER
SHD325311 SENSITRON-SHD325311 Datasheet
44Kb / 3P
   HERMETIC ULTRAFAST RECTIFIER
SHD375493 SENSITRON-SHD375493 Datasheet
45Kb / 3P
   HERMETIC POWER ULTRAFAST RECTIFIER
SHD306363 SENSITRON-SHD306363 Datasheet
50Kb / 3P
   HERMETIC POWER ULTRAFAST RECTIFIER
SHD316311 SENSITRON-SHD316311 Datasheet
34Kb / 3P
   HERMETIC POWER ULTRAFAST RECTIFIER
SHD326211 SENSITRON-SHD326211 Datasheet
48Kb / 3P
   HERMETIC DUAL ULTRAFAST RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com